Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0009 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAADSS0009
Description  Digital Attenuator, 30 dB, 4-Bit
File Size   550.87 Kbytes
Html View  1   2   3   4 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0009 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAADSS0009_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAADSS0009TR-3000 MACOM-MAADSS0009TR-3000 Datasheet
170Kb / 3P
Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0009TR-3000 MA-COM-MAADSS0009TR-3000 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
More results


Similar Description - MAADSS0009_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
AT90-0233 MACOM-AT90-0233 Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAADSS0014 MA-COM-MAADSS0014 Datasheet
193Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.05 - 4.0 GHz
logo
API Technologies Corp
TAD5006 APITECH-TAD5006 Datasheet
194Kb / 1P
4 Bit Digital Attenuator Attentuation Range: 30 dB
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com