Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU807 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # BU807
Description  High Voltage: VCBO= 330V(Min)
File Size   199.17 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU807 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - BU807

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU807 MOSPEC-BU807 Datasheet
110Kb / 3P
POWER TRANSISTORS(8.0A,150-200V,60W)
logo
STMicroelectronics
BU807 STMICROELECTRONICS-BU807 Datasheet
59Kb / 4P
MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
Oct-2003
logo
Fairchild Semiconductor
BU807 FAIRCHILD-BU807 Datasheet
41Kb / 4P
High Voltage & Fast Switching Darlington Transistor
logo
Boca Semiconductor Corp...
BU807 BOCA-BU807 Datasheet
116Kb / 3P
FAST SWITCHING DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
BU807 CENTRAL-BU807 Datasheet
347Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
More results


Similar Description - BU807

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB25N33 FAIRCHILD-FQB25N33 Datasheet
1Mb / 8P
330V N-Channel MOSFET
FGA90N33AT FAIRCHILD-FGA90N33AT Datasheet
655Kb / 8P
330V, 90A PDP Trench IGBT
FGPF4633 FAIRCHILD-FGPF4633 Datasheet
653Kb / 8P
330V PDP IGBT
FQB25N33TM FAIRCHILD-FQB25N33TM Datasheet
1Mb / 7P
330V N-Channel MOSFET
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
330V, PDP IGBT
KSA709CYBU FAIRCHILD-KSA709CYBU Datasheet
43Kb / 4P
Collector-Base Voltage : VCBO= -160V
KSA733CLTA FAIRCHILD-KSA733CLTA Datasheet
46Kb / 4P
Collector-Base Voltage : VCBO= -60V
logo
Solid State Optronic
S942 SSOUSA-S942 Datasheet
248Kb / 7P
High Blocking Voltage (800V MIN)
logo
Inchange Semiconductor ...
BU408 ISC-BU408 Datasheet
190Kb / 2P
High Voltage: VCEV= 400V(Min)
logo
Guangdong Kexin Industr...
2SA733 KEXIN-2SA733 Datasheet
1Mb / 2P
Collector-Base Voltage: VCBO=-60V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com