Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU807 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU807
Description  High Voltage: VCBO= 330V(Min)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU807 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU807 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU807 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN Darlington Power Transistor
BU807
DESCRIPTION
·High Voltage: VCBO= 330V(Min)
·Low Saturation Voltage-
: VCE(sat)= 1.5V(Max)@ IC= 5A
APPLICATIONS
·Designed for use in horizontal deflection circuits in TV’s
and CRT’s.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
330
V
VCEV
Collector-Emitter Voltage
330
V
VCEO
Collector-Emitter Voltage
150
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
15
A
IB
Base Current
2
A
PC
Collector Power Dissipation
@ TC=25℃
60
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - BU807

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU807 MOSPEC-BU807 Datasheet
110Kb / 3P
POWER TRANSISTORS(8.0A,150-200V,60W)
logo
STMicroelectronics
BU807 STMICROELECTRONICS-BU807 Datasheet
59Kb / 4P
MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
Oct-2003
logo
Fairchild Semiconductor
BU807 FAIRCHILD-BU807 Datasheet
41Kb / 4P
High Voltage & Fast Switching Darlington Transistor
logo
Boca Semiconductor Corp...
BU807 BOCA-BU807 Datasheet
116Kb / 3P
FAST SWITCHING DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
BU807 CENTRAL-BU807 Datasheet
347Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
More results

Similar Description - BU807

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB25N33 FAIRCHILD-FQB25N33 Datasheet
1Mb / 8P
330V N-Channel MOSFET
FGA90N33AT FAIRCHILD-FGA90N33AT Datasheet
655Kb / 8P
330V, 90A PDP Trench IGBT
FGPF4633 FAIRCHILD-FGPF4633 Datasheet
653Kb / 8P
330V PDP IGBT
FQB25N33TM FAIRCHILD-FQB25N33TM Datasheet
1Mb / 7P
330V N-Channel MOSFET
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
330V, PDP IGBT
KSA709CYBU FAIRCHILD-KSA709CYBU Datasheet
43Kb / 4P
Collector-Base Voltage : VCBO= -160V
KSA733CLTA FAIRCHILD-KSA733CLTA Datasheet
46Kb / 4P
Collector-Base Voltage : VCBO= -60V
logo
Solid State Optronic
S942 SSOUSA-S942 Datasheet
248Kb / 7P
High Blocking Voltage (800V MIN)
logo
Inchange Semiconductor ...
BU408 ISC-BU408 Datasheet
190Kb / 2P
High Voltage: VCEV= 400V(Min)
logo
Guangdong Kexin Industr...
2SA733 KEXIN-2SA733 Datasheet
1Mb / 2P
Collector-Base Voltage: VCBO=-60V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com