Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4011B Datasheet (PDF) - Integrated Device Technology

Part # ZSPM4011B
Description  High Efficiency 1A Synchronous Buck Converter
File Size   655.03 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4011B Datasheet (PDF) - Integrated Device Technology



Similar Part No. - ZSPM4011B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011BA1W00 ETC2-ZSPM4011BA1W00 Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011BA1W00 RENESAS-ZSPM4011BA1W00 Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011BA1W15 ETC2-ZSPM4011BA1W15 Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
More results


Similar Description - ZSPM4011B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
1.5MHz, 1A High Efficiency Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Renesas Technology Corp
ZSPM4011 RENESAS-ZSPM4011 Datasheet
682Kb / 21P
ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com