Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3BCF060 Datasheet (PDF) - STMicroelectronics

Part # STTH3BCF060
Description  suitable for PFC up to 400 W
File Size   112.18 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3BCF060 Datasheet (PDF) - STMicroelectronics



Similar Part No. - STTH3BCF060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
119Kb / 10P
Ultrafast recovery diode
03-May-2006
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
More results


Similar Description - STTH3BCF060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6563-400W STMICROELECTRONICS-EVAL6563-400W Datasheet
152Kb / 6P
L6563 400 W FOT-controlled PFC pre-regulator
26-Jan-2007
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
400 W FOT-controlled PFC pre-regulator with the L6562A
30-Jul-2008
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
400 W FOT-controlled PFC pre-regulator with the L6563S
30-Nov-2010
logo
Molex Electronics Ltd.
0638170400 MOLEX11-0638170400 Datasheet
34Kb / 1P
Precision Stripper Tool suitable for cable diameters up to 11.00mm
logo
OSRAM GmbH
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
logo
Molex Electronics Ltd.
0638170400 MOLEX-0638170400 Datasheet
35Kb / 1P
Precision Stripper Tool suitable for cable diameters up to 11.00mm
08/26/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com