Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3BCF060 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH3BCF060
Description  suitable for PFC up to 400 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3BCF060 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH3BCF060 Datasheet HTML 1Page - STMicroelectronics STTH3BCF060 Datasheet HTML 2Page - STMicroelectronics STTH3BCF060 Datasheet HTML 3Page - STMicroelectronics STTH3BCF060 Datasheet HTML 4Page - STMicroelectronics STTH3BCF060 Datasheet HTML 5Page - STMicroelectronics STTH3BCF060 Datasheet HTML 6Page - STMicroelectronics STTH3BCF060 Datasheet HTML 7Page - STMicroelectronics STTH3BCF060 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STTH3BCF060
2/8
Doc ID 17524 Rev 2
1
Characteristics
To evaluate the maximum conduction losses use the following equation:
P = 1.03 x IF(AV) + 0.09 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) Forward rms current
10
A
IF(AV)
Average forward current
δ = 0.5
TL = 55 °C
3
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
45
A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Maximum
Unit
Rth(j-l)
Junction to lead
25
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage
current
Tj = 25 °C
VR = VRRM
3
µA
Tj= 150 °C
15
100
VF
Forward voltage drop
Tj = 25 °C
IF = 3 A
1.7
V
Tj = 150 °C
1.0
1.25
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse
recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V
dIF/dt = -50 A/µs
35
ns
tfr
Forward
recovery time
Tj = 25 °C
IF = 3 A,
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
100
ns
VFP
Forward
recovery voltage
10
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com