Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3BCF060 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3BCF060
Description  suitable for PFC up to 400 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3BCF060 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3BCF060 Datasheet HTML 1Page - STMicroelectronics STTH3BCF060 Datasheet HTML 2Page - STMicroelectronics STTH3BCF060 Datasheet HTML 3Page - STMicroelectronics STTH3BCF060 Datasheet HTML 4Page - STMicroelectronics STTH3BCF060 Datasheet HTML 5Page - STMicroelectronics STTH3BCF060 Datasheet HTML 6Page - STMicroelectronics STTH3BCF060 Datasheet HTML 7Page - STMicroelectronics STTH3BCF060 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH3BCF060
4/8
Doc ID 17524 Rev 2
Figure 7.
Softness factor versus d
IF/dt
(typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus dIF/dt
(typical values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
500
S factor
I=I
T =125°C
F
F(AV)
j
V =400V
R
dI /dt(A/µs)
F
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
50
75
100
125
IRM
QRR
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
140
160
180
200
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
160
180
200
t (ns)
fr
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
dI /dt(A/µs)
F
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under lead
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0
10
20
30
40
50
60
70
80
90
100
110
0.00.5
1.0
1.5
2.0
2.53.03.5
4.0
4.55.0
S
(cm²)
CU
R
(°C/W)
th(j-a)
Epoxy printed circuit board, FR4
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com