Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3BCF060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH3BCF060
Description  suitable for PFC up to 400 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3BCF060 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH3BCF060 Datasheet HTML 1Page - STMicroelectronics STTH3BCF060 Datasheet HTML 2Page - STMicroelectronics STTH3BCF060 Datasheet HTML 3Page - STMicroelectronics STTH3BCF060 Datasheet HTML 4Page - STMicroelectronics STTH3BCF060 Datasheet HTML 5Page - STMicroelectronics STTH3BCF060 Datasheet HTML 6Page - STMicroelectronics STTH3BCF060 Datasheet HTML 7Page - STMicroelectronics STTH3BCF060 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2010
Doc ID 17524 Rev 2
1/8
8
STTH3BCF060
600 V high voltage rectifier for BC2 topology
Features
optimized freewheel diode for BC2 topology
(ST patent)
low conduction losses
high voltage rectifier
improves efficiency by up to 2.5% compared to
conventional continuous mode PFC using
standard ultrafast 600 V PN diodes
performance efficiency improved by up to 0.5%
compared to 600 V Schottky power diodes with
no reverse recovery charges used in CCM PFC
at 200 kHz
provides a cost/performance optimized
solution to meet the 80+ efficiency
requirements
supports PFC working up to 300 kHz
suitable for PFC up to 400 W
compatible with standard PFC controller ICs
Description
The STTH3BCF060 is a specific freewheel diode
used in continuous mode power factor correction
working in the BC2 topology. This diode has been
especially designed for the dedicated BC2
topology. Therefore, its electrical characteristics
offer the best possible efficiency with a P-N
optimized structured diode. As a result, SMPS
efficiency growth up to 2.5% can be produced at
an optimized cost.
Table 1.
Device summary
Symbol
Value
IF(AV)
3 A
VRRM
600 V
IR (max)
100 µA
Tj
175 °C
SMB
STTH3BCF060U
K
A
www.st.com


Similar Part No. - STTH3BCF060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
119Kb / 10P
Ultrafast recovery diode
03-May-2006
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
More results

Similar Description - STTH3BCF060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6563-400W STMICROELECTRONICS-EVAL6563-400W Datasheet
152Kb / 6P
L6563 400 W FOT-controlled PFC pre-regulator
26-Jan-2007
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
400 W FOT-controlled PFC pre-regulator with the L6562A
30-Jul-2008
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
400 W FOT-controlled PFC pre-regulator with the L6563S
30-Nov-2010
logo
Molex Electronics Ltd.
0638170400 MOLEX11-0638170400 Datasheet
34Kb / 1P
Precision Stripper Tool suitable for cable diameters up to 11.00mm
logo
OSRAM GmbH
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
logo
Molex Electronics Ltd.
0638170400 MOLEX-0638170400 Datasheet
35Kb / 1P
Precision Stripper Tool suitable for cable diameters up to 11.00mm
08/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com