Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2TLR Datasheet (PDF) - STMicroelectronics

Part # AS21P2TLR
Description  Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
File Size   436.74 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2TLR Datasheet (PDF) - STMicroelectronics



Similar Part No. - AS21P2TLR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AS21P2THB STMICROELECTRONICS-AS21P2THB Datasheet
490Kb / 23P
Low voltage high bandwidth dual single-pole double-throw analog switch
07-Mar-2014
More results


Similar Description - AS21P2TLR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3684A STMICROELECTRONICS-STG3684A Datasheet
439Kb / 28P
Low voltage 0.5 Ω max dual SPDT switch with break-before-make
15-Nov-2007
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG5223 STMICROELECTRONICS-STG5223 Datasheet
328Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make
10-Jan-2008
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
AS11P2TLR STMICROELECTRONICS-AS11P2TLR Datasheet
425Kb / 18P
Low voltage 1 Ω single-pole double-throw analog switch with break before make feature
07-Mar-2014
logo
Nexperia B.V. All right...
74LVC2G3157-Q100 NEXPERIA-74LVC2G3157-Q100 Datasheet
277Kb / 18P
Dual 10 Ω single-pole double-throw analog switch
Rev. 2 - 12 May 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com