Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2TLR Datasheet(PDF) 8 Page - STMicroelectronics

Part # AS21P2TLR
Description  Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2TLR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AS21P2TLR Datasheet HTML 4Page - STMicroelectronics AS21P2TLR Datasheet HTML 5Page - STMicroelectronics AS21P2TLR Datasheet HTML 6Page - STMicroelectronics AS21P2TLR Datasheet HTML 7Page - STMicroelectronics AS21P2TLR Datasheet HTML 8Page - STMicroelectronics AS21P2TLR Datasheet HTML 9Page - STMicroelectronics AS21P2TLR Datasheet HTML 10Page - STMicroelectronics AS21P2TLR Datasheet HTML 11Page - STMicroelectronics AS21P2TLR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
AS21P2TLR
8/22
DocID026024 Rev 1
S
ICCLV
Quiescent supply
current low voltage
driving
4.3
V1IN, V2IN =
1.65 V
±37
±50
±100
A
V1IN, V2IN =
1.80 V
±33
±40
±50
V1IN, V2IN =
2.60 V
±12
±20
±30
1. Guaranteed by design.
2.
RON =RON(max) -RON(min).
3. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Table 6. DC specifications (continued)
Symbol
Parameter
VCC (V)
Test condition
Value
Unit
TA =25°C
-40 to 85 °C
Min
Typ
Max
Min
Max
Table 7. AC electrical characteristics (CL =35pF, RL =50 tr =tf 6ns)
Symbol
Parameter
VCC (V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation delay
1.65
1.95
0.45
ns
2.3
 2.7
0.40
3.0
 3.3
0.30
3.6
 4.3
0.30
tON
Turn-ON time
1.65
1.95
VS = 0.8 V
120
ns
2.3
 2.7
VS =1.5 V
65
85
90
3.0
 3.3
42
55
65
3.6
 4.3
40
55
65
tOFF
Turn-OFF time
1.65
1.95
VS =0.8 V
45
ns
2.3
 2.7
VS =1.5 V
18
30
40
3.0
 3.3
16
30
40
3.6
 4.3
15
30
40
tD
Break-before make time
delay
1.65
1.95
CL =35 pF
RL =50 
VS =1.5 V
280
ns
2.3
 2.7
2
60
3.0
 3.3
2
55
3.6
 4.3
2
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com