Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2TLR Datasheet(PDF) 1 Page - STMicroelectronics

Part # AS21P2TLR
Description  Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2TLR Datasheet(HTML) 1 Page - STMicroelectronics

  AS21P2TLR Datasheet HTML 1Page - STMicroelectronics AS21P2TLR Datasheet HTML 2Page - STMicroelectronics AS21P2TLR Datasheet HTML 3Page - STMicroelectronics AS21P2TLR Datasheet HTML 4Page - STMicroelectronics AS21P2TLR Datasheet HTML 5Page - STMicroelectronics AS21P2TLR Datasheet HTML 6Page - STMicroelectronics AS21P2TLR Datasheet HTML 7Page - STMicroelectronics AS21P2TLR Datasheet HTML 8Page - STMicroelectronics AS21P2TLR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
March 2014
DocID026024 Rev 1
1/22
AS21P2TLR
Low voltage 0.5 Ω max dual single-pole double-throw analog switch
with break-before-make
Datasheet
- production data
Features
 Ultra low power dissipation: ICC = 0.2 µA (max.)
at TA = 85 °C
 Low ON resistance VIN = 0 V:
–RON = 0.50 Ω (max. TA = 25 °C) at
VCC = 4.3 V
–RON = 0.50 Ω (max. TA = 25 °C) at
VCC = 3.6 V
 Wide operating voltage range:
VCC (OPR) = 1.65 to 4.3 V single supply
 4.3 V tolerant and 1.8 V compatible threshold
on digital control input at VCC = 2.3 to 4.3 V
 Latch-up performance exceeds 300 mA
(JESD 17)
 ESD performance: HMB > 2 kV (MIL STD 883
method 3015)
Description
The AS21P2TLR is a high-speed CMOS single-
pole double-throw (SPDT) analog switch or dual
2:1 multiplexer/demultiplexer bus switch
fabricated using silicon gate C²MOS technology.
Designed to operate from 1.65 to 4.3 V, this
device is ideal for portable applications.
It offers very low ON resistance (RON <0.5 ) at
VCC = 3.6 V. The nIN inputs are provided to
control the independent channel switches nS1
and nS2. The switches nS1 are ON (connected to
common ports Dn) when the nIN input is held high
and OFF (state of high impedance exists between
the two ports) when nIN is held low. The switches
nS2 are ON (connected to common ports Dn)
when the nIN input is held low and OFF (state of
high impedance exists between the two ports)
when IN is held high. Additional key features are
fast switching speed, break-before-make delay
time and ultralow power consumption. All inputs
and outputs are equipped with protection circuits
against static discharge, giving them ESD and
excess transient voltage immunity.
(1.8 x 1.4 mm)
Table 1. Device summary
Order code
Package
Packing
AS21P2TLRQ
QFN10L (1.8 x 1.4 mm)
Tape and reel
www.st.com


Similar Part No. - AS21P2TLR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AS21P2THB STMICROELECTRONICS-AS21P2THB Datasheet
490Kb / 23P
Low voltage high bandwidth dual single-pole double-throw analog switch
07-Mar-2014
More results

Similar Description - AS21P2TLR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3684A STMICROELECTRONICS-STG3684A Datasheet
439Kb / 28P
Low voltage 0.5 Ω max dual SPDT switch with break-before-make
15-Nov-2007
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG5223 STMICROELECTRONICS-STG5223 Datasheet
328Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make
10-Jan-2008
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
AS11P2TLR STMICROELECTRONICS-AS11P2TLR Datasheet
425Kb / 18P
Low voltage 1 Ω single-pole double-throw analog switch with break before make feature
07-Mar-2014
logo
Nexperia B.V. All right...
74LVC2G3157-Q100 NEXPERIA-74LVC2G3157-Q100 Datasheet
277Kb / 18P
Dual 10 Ω single-pole double-throw analog switch
Rev. 2 - 12 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com