Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2TLR Datasheet(PDF) 7 Page - STMicroelectronics

Part # AS21P2TLR
Description  Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2TLR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AS21P2TLR Datasheet HTML 3Page - STMicroelectronics AS21P2TLR Datasheet HTML 4Page - STMicroelectronics AS21P2TLR Datasheet HTML 5Page - STMicroelectronics AS21P2TLR Datasheet HTML 6Page - STMicroelectronics AS21P2TLR Datasheet HTML 7Page - STMicroelectronics AS21P2TLR Datasheet HTML 8Page - STMicroelectronics AS21P2TLR Datasheet HTML 9Page - STMicroelectronics AS21P2TLR Datasheet HTML 10Page - STMicroelectronics AS21P2TLR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID026024 Rev 1
7/22
AS21P2TLR
Electrical characteristics
22
4
Electrical characteristics
Table 6. DC specifications
Symbol
Parameter
VCC (V)
Test condition
Value
Unit
TA =25°C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIH
High level input voltage
1.65
 1.95
0.65 VCC
0.65 VCC
V
2.3
 2.5
1.2
1.2
2.7
 3.0
1.3
1.3
3.0
 3.6
1.4
1.4
4.3
1.5
1.5
VIL
Low level input voltage
1.65
 1.95
0.25
0.25
V
2.3
 2.5
0.25
0.25
2.7
 3.0
0.25
0.25
3.0
 3.6
0.30
0.30
4.3
0.40
0.40
RON
Switch ON resistance
4.3
VS = 0 V to VCC
IS =100 mA
0.45 0.50
0.60
3.6
0.45 0.50
0.60
3.0
0.50 0.55
0.60
2.3
0.60 0.70
0.80
1.8
0.80
0.9
1.0
RON
ON resistance match
between channels(1),(2)
2.7
VS =1.5 V
IS =100 mA
0.1
RFLAT
ON resistance
flatness (3)
4.3
VS =1.5 V
IS =100 mA
0.15 0.20
0.20
3.6
0.15 0.20
0.20
3.0
0.15 0.20
0.20
2.7
0.15 0.20
0.20
2.3
0.20 0.25
0.25
1.65
0.35 0.45
0.45
IOFF
OFF state leakage
current (nSn), (Dn)
4.3
VS = 0.3 or 4 V
±20
±100 nA
IIN
Input leakage current
0
 4.3
VIN = 0 to 4.3 V
±0.05
±1
A
ICC
Quiescent supply
current (1)
1.65
 4.3 VIN = VCC or GND
±0.05
±0.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com