Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D12X Datasheet (PDF) - Crydom Inc.,

Part # DR10D12X
Description  Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
File Size   929.35 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D12X Datasheet (PDF) - Crydom Inc.,



Similar Part No. - DR10D12X

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR10D12X CRYDOM-DR10D12X Datasheet
929Kb / 7P
Ratings of 6 & 12 Amps
DR10D12XR CRYDOM-DR10D12XR Datasheet
929Kb / 7P
Ratings of 6 & 12 Amps
DR10D12XR CRYDOM-DR10D12XR Datasheet
926Kb / 7P
DIN Rail Mount
More results


Similar Description - DR10D12X

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH05D-060 FUJI-1MBH05D-060 Datasheet
373Kb / 13P
Ratings and characteristics of Fuji IGBT
1MBH05D-120 FUJI-1MBH05D-120 Datasheet
361Kb / 13P
Ratings and characteristics of Fuji IGBT
1MBH10D-120 FUJI-1MBH10D-120 Datasheet
4Mb / 14P
Ratings and characteristics of Fuji IGBT?
1MBH15D-060 FUJI-1MBH15D-060 Datasheet
358Kb / 13P
Ratings and characteristics of Fuji IGBT?
1MBH50D-060S FUJI-1MBH50D-060S Datasheet
3Mb / 13P
Ratings and characteristics of Fuji IGBT
logo
Crydom Inc.,
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
Ratings of 5A, 10A and 20A @ 24-280 VAC
HDC100D120 CRYDOM-HDC100D120 Datasheet
733Kb / 6P
Ratings of 120A and 160A @ 72VDC
logo
WAGO Kontakttechnik Gmb...
2042-3064 WAGO-2042-3064 Datasheet
363Kb / 7P
Relay module; Nominal input voltage: 24 VDC; 1 break and 1 make contact;
logo
Analog Devices
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com