Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D12X Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DR10D12X
Description  Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D12X Datasheet(HTML) 1 Page - Crydom Inc.,

  DR10D12X Datasheet HTML 1Page - Crydom Inc., DR10D12X Datasheet HTML 2Page - Crydom Inc., DR10D12X Datasheet HTML 3Page - Crydom Inc., DR10D12X Datasheet HTML 4Page - Crydom Inc., DR10D12X Datasheet HTML 5Page - Crydom Inc., DR10D12X Datasheet HTML 6Page - Crydom Inc., DR10D12X Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DataSheet
DIN Rail Mount
SeriesOne DR Series
ATEX
• Ratings of 6 & 12 Amps
• Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
• Fits standard 35mm DIN Rail
• LED input status indicator
• AC or DC control
• Zero Voltage (resistive loads) or Instantaneous (inductive loads) turn-on output
• UL and cUL Listed, HP Rated CE & RoHS Compliant
• UL 508 Endurance Rating for Enhanced Reliability
• UL Class I and II, Division 2, for Hazardous Locations
PRODUCT SELECTION
Control Voltage
280, 6 A
280 V, 12 A
600 V, 6 A
600 V, 12 A
60 V, 6 A
60 V, 12 A
100 V, 6 A
100 V, 12 A
4-32 VDC
DR24D06X
DR10D12X
90-140 VAC
DR24B06X
200-280 VAC
DR24A06X
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS AC Output (2)
Description
DR24x06X
DR24x12X
DR48x06X
DR48X12X
Operating Voltage Range (47-63Hz) [Vrms]
24-280
24-280
48-600
48-600
Transient Overvoltage [Vpk]
600
600
1200
1200
Maximum Load Current, resistive [Arms] (3)
6
12
6
12
150
150
150
150
0.1
0.1
0.1
0.1
Minimum Load Current [mArms]
500
500
500
500
Maximum Surge Current (50/60Hz, 1 cycle) [Apk]
1.3
1.3
1.3
1.3
Maximum On-State Voltage Drop @ Rated Current [Vrms]
285/300
715/750
285/300
715/750
400/375
2560/2330
410/375
2560/2330
Maximum I²t for Fusing (50/60 Hz, 1/2 cycle) [A² sec]
1/2 (.37)
1 (.75)
1/2 (.37)
1 (.75)
N/A
N/A
1 (1.5)
2 (1.5)
18-36 VAC
DR24D12X
DR24B12X
DR24A12X
DR48D06X
DR48B12X
DR48E12X
DR48A12X
DR48D12X
DR06D06X
DR06D12X
DR10D06X
DR24E06X
DR24E12X
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/
µsec] (4)
HP Rating UL 508/IEC60947 [HP (KW)] @ 240V
Minimum Power Factor (at Maximum Load)
Min/Max stranded wire
HP Rating UL 508/IEC60947 [HP (KW)] @ 380V
HP Rating UL 508/IEC60947 [HP (KW)] @ 480V
Min/Max solid wire
Weight (Typical)
N/A
2 (1.5)
N/A
3 (2.2)
0.5
0.5
0.5
0.5
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
1.76 oz. (50g)
1.76 oz. (50g)
3.17 oz. (90g)
3.17 oz. (90g)
AC
Output
Only
Series
Operating Voltage
06: 1-60 VDC
10: 1-100 VDC
24: 24-280 VAC
48: 48-600 VAC
Rated Load Current
06: 6 Amps
12: 12 Amps
Control Voltage
D: 4-32 VDC
A: 200-265 VAC
B: 90-140 VAC
E: 18-36 VAC (1)
12
06
D
DR
X
Agency Approvals
X: ATEX II 3G Ex nA IIC T4 Gc
approved
Switching Type
Blank: Zero Voltage Turn-On
(AC Output Only)
R: Instantaneous Turn-On
(AC Output, D suffix Only)
R
Required for valid part number
For options only and not required for valid part number
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
DC
AC


Similar Part No. - DR10D12X

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR10D12X CRYDOM-DR10D12X Datasheet
929Kb / 7P
Ratings of 6 & 12 Amps
DR10D12XR CRYDOM-DR10D12XR Datasheet
929Kb / 7P
Ratings of 6 & 12 Amps
DR10D12XR CRYDOM-DR10D12XR Datasheet
926Kb / 7P
DIN Rail Mount
More results

Similar Description - DR10D12X

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH05D-060 FUJI-1MBH05D-060 Datasheet
373Kb / 13P
Ratings and characteristics of Fuji IGBT
1MBH05D-120 FUJI-1MBH05D-120 Datasheet
361Kb / 13P
Ratings and characteristics of Fuji IGBT
1MBH10D-120 FUJI-1MBH10D-120 Datasheet
4Mb / 14P
Ratings and characteristics of Fuji IGBT?
1MBH15D-060 FUJI-1MBH15D-060 Datasheet
358Kb / 13P
Ratings and characteristics of Fuji IGBT?
1MBH50D-060S FUJI-1MBH50D-060S Datasheet
3Mb / 13P
Ratings and characteristics of Fuji IGBT
logo
Crydom Inc.,
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
Ratings of 5A, 10A and 20A @ 24-280 VAC
HDC100D120 CRYDOM-HDC100D120 Datasheet
733Kb / 6P
Ratings of 120A and 160A @ 72VDC
logo
WAGO Kontakttechnik Gmb...
2042-3064 WAGO-2042-3064 Datasheet
363Kb / 7P
Relay module; Nominal input voltage: 24 VDC; 1 break and 1 make contact;
logo
Analog Devices
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com