Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260AS Datasheet(PDF) 29 Page - Analog Devices

Part # AD9260AS
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 25Page - Analog Devices AD9260AS Datasheet HTML 26Page - Analog Devices AD9260AS Datasheet HTML 27Page - Analog Devices AD9260AS Datasheet HTML 28Page - Analog Devices AD9260AS Datasheet HTML 29Page - Analog Devices AD9260AS Datasheet HTML 30Page - Analog Devices AD9260AS Datasheet HTML 31Page - Analog Devices AD9260AS Datasheet HTML 32Page - Analog Devices AD9260AS Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
AD9260
Rev. C | Page 28 of 44
REFERENCE OPERATION
The AD9260 contains an on-board band gap reference and
internal reference buffer amplifier. The onboard reference
provides a pin-strappable option to generate either a 1 V or 2.5
V output. With the addition of two external resistors, the user
can generate reference voltages other than 1 V and 2.5 V.
Another alternative is to use an external reference for designs
requiring enhanced accuracy and/or drift performance. See
Table 12 for a summary of the pin-strapping options for the
AD9260 reference configurations. Note, the optimum noise and
distortion can only be achieved with a 2.5 V reference.
Figure 66 shows a simplified model of the internal voltage
reference of the AD9260. A pin-strappable reference amplifier
buffers a 1 V fixed reference. The output from the reference
amplifier, A1, appears on the VREF pin and must be decoupled
with 0.1 µF and 10 µF capacitor to REFCOM. The voltage on
the VREF pin determines the full-scale input span of the A/D.
This input span equals:
VREF
Span
Input
Scale
Full
×
= 6
.
1
-
The voltage appearing at the VREF pin, as well as the state of
the internal reference amplifier, A1, is determined by the
voltage appearing at the SENSE pin. The logic circuitry contains
two comparators that monitor the voltage at the SENSE pin.
The comparator with the lowest set point (approximately 0.3 V)
controls the position of the switch within the feedback path of
A1. If the SENSE pin is tied to REFCOM, the switch is
connected to the internal resistor network, thus providing a
VREF of 2.5 V. If the SENSE pin is tied to the VREF pin via a
short or resistor, the switch is connected to the SENSE pin. A
short will provide a VREF of 1.0 V while an external resistor
network will provide an alternative VREF SPAN between 1.0 V
and 2.5 V. The external resistor network, for example, may be
implemented as a resistor divider circuit. This divider circuit
could consist of a resistor (R1) connected between VREF and
SENSE and another resistor (R2) connected between SENSE
and REFCOM. The other comparator controls internal circuitry
that will disable the reference amplifier if the SENSE pin is tied
to AVDD. Disabling the reference amplifier allows the VREF
pin to be driven by an external voltage reference.
LOGIC
LOGIC
– +
AD9260
1V
DISABLE
A1
TO A/D
5k
Ω
5k
Ω
A2
6.25k
Ω
6.25k
Ω
DISABLE
A2
A1
7.5k
7.5k
Ω
5k
Ω
CAPT
CAPB
VREF
SENSE
REFCOM
Figure 66. Simplified Reference
The reference buffer circuit level shifts the reference to an
appropriate common-mode voltage for use by the internal
circuitry. The on-chip buffer provides the low impedance
necessary for driving the internal switched capacitor circuits
and eliminates the need for an external buffer op amp.
Table 12. Reference Configuration Summary
Reference
Operating Mode
Input Span (VINA–VINB)
(V p-p)
Required VREF (V)
Connect
To
INTERNAL
1.6
1
SENSE
VREF
INTERNAL
4.0
2.5
SENSE
REFCOM
INTERNAL
1.6 ≤ SPAN ≤ 4.0 and
1 ≤ VREF ≤ 2.5 and
R1
VREF and SENSE
SPAN = 1.6 × VREF
VREF = (1+R1/R2)
R2
SENSE and REFCOM
EXTERNAL
1.6 ≤ SPAN ≤4.0
1 ≤ VREF ≤2.5
SENSE
AVDD
VREF
EXT. REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com