Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260AS Datasheet(PDF) 33 Page - Analog Devices

Part # AD9260AS
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 29Page - Analog Devices AD9260AS Datasheet HTML 30Page - Analog Devices AD9260AS Datasheet HTML 31Page - Analog Devices AD9260AS Datasheet HTML 32Page - Analog Devices AD9260AS Datasheet HTML 33Page - Analog Devices AD9260AS Datasheet HTML 34Page - Analog Devices AD9260AS Datasheet HTML 35Page - Analog Devices AD9260AS Datasheet HTML 36Page - Analog Devices AD9260AS Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
AD9260
Rev. C | Page 32 of 44
Table 15. Recommended Mode Pin Ranges
and Configurations
Mode Pin Range
Typical Mode Pin
Decimation Mode
0 V–0.5 V
GND
8×
0.5 V–1.5 V
VREF/2
2×
1.5 V–3.0 V
CML
4×
3.0 V–5.0 V
AVDD
1×
BIAS PIN OPERATION
The Bias Select Pin (BIAS) gives the user, who is able to operate
the AD9260 at a slower clock rate, the added flexibility of
running the device in a lower, power consumption mode when
it is clocked at less than 20 MHz.
This is accomplished by scaling the bias current of the AD9260
as illustrated in Figure 69. The bias amplifier drives a source
follower and forces 1 V across REXT, which sets the bias current.
This effectively adjusts the bias current in the modulator
amplifiers and FLASH preamplifiers. When a large value of REXT
is used, a smaller bias current is available to the internal
amplifier circuitry. As a result these amplifiers need more time
to settle, thus dictating the use of a slower clock as the power
is reduced. Refer to the characterization curves shown in Figure
47 to Figure 54 revealing the performance tradeoffs.
The scaling is accomplished by properly attaching an external
resistor to the BIAS pin of the AD9260 as shown in Table 17.
REXT is normally 2 kΩ for a clock speed of 20 MHz and scales
inversely with clock rate. Because BIAS is an external pin,
minimization of capacitance to this pin is recommended in
order to prevent instability of the bias pin amplifier.
AVDD
4R
3R
2R
R
MODE PIN
AVSS
LATCH
CLOCK
ENCODED MODE
Figure 68. Simplified Mode Pin Circuitry
BIAS CURRENT
REXT
BIAS PIN
1V
Figure 69. Simplified Bias Pin Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com