Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260AS Datasheet(PDF) 41 Page - Analog Devices

Part # AD9260AS
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 37Page - Analog Devices AD9260AS Datasheet HTML 38Page - Analog Devices AD9260AS Datasheet HTML 39Page - Analog Devices AD9260AS Datasheet HTML 40Page - Analog Devices AD9260AS Datasheet HTML 41Page - Analog Devices AD9260AS Datasheet HTML 42Page - Analog Devices AD9260AS Datasheet HTML 43Page - Analog Devices AD9260AS Datasheet HTML 44Page - Analog Devices AD9260AS Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AD9260
Rev. C | Page 40 of 44
AD817R
3
2
7
6
4
VCC2
C22
0.1
µF
0.1
µF
C23
10
µF
+
R32
390
Ω
RX4
XXX
CX4
XXX
R34
390
Ω
RX3
XXX
C25
IKPOT
R35
1k
Ω
JP12
9260CML
U10
AD9632
3
2
8
7
6
5
4
VCC2
VEE R26
390
Ω
U9
R25
390
Ω
JP17
AD9632
3
2
8
7
6
5
4
VCC2
VEE R20
390
Ω
U8
JP16
R24
390
Ω
R23
390
Ω
R17
390
Ω
R19
390
Ω
C20
R18
390
Ω
R48
50
Ω
R46
50
Ω
C26
100pF
R49
50
Ω
VINB
C24
100pF
R47
50
Ω
VINA
C16
100pF
R16
390
Ω
R14
50
Ω
R22
390
Ω
C9
TBD
JP8
R21
390
Ω
R1
57.6
Ω
R15
57.6
Ω
J6
J7
IN-2
IN-1
AD9632
2
3
5
4
6
8
7
VEE
VCC2
U7
0.1
µF
Figure 79. Evaluation Board Input Configuration Block
C39
0.01
µF
C38
0.1
µF
R41
R40
L3
C37
0.1mF
C36
10mF
+
C43
0.01
µF
C42
0.1
µF
R43
R42
L4
C41
0.1
µF
C40
10
µF
+
C47
0.01
µF
C46
0.1
µF
R45
R44
L5
C45
0.1
µF
C44
10
µF
+
P4:+5V
1
P4
2
C35
0.01
µF
C34
0.1
µF
R39
R38
L2
C33
0.1
µF
C32
22
µF
+
P3
2
P3:D5
1
EVALUATION BOARD POWER SUPPLY CONFIGURATION
P2:VDD
1
C28
+
R37
R36
L2
C29
P2
2
C30
C31
C64
C48
C49
C50
VEE
VEE
VEE
VCC2
VCC2
VCC2
U7
U8
U9
U7
U8
U9
DEVICE SUPPLY DECOUPLING
FLAVDD
MDAVDD
INVDD
DVDD
DRVDD
P5:+5AUX
1
C27
47
µF
+
R51
R50
L6
C55
P5
2
VCC2
P5:–5AUX
1
C56
47
µF
47
µF
+
R53
R52
L7
C57
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
P5
2
VEE
C51
C52
C53
C54
VCC2
DRVDD DRVDD
DRVDD
U10
U2
U3
U4
Figure 80. Evaluation Board Power Supply Configuration and Coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com