Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260AS Datasheet(PDF) 25 Page - Analog Devices

Part # AD9260AS
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260AS Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9260AS Datasheet HTML 21Page - Analog Devices AD9260AS Datasheet HTML 22Page - Analog Devices AD9260AS Datasheet HTML 23Page - Analog Devices AD9260AS Datasheet HTML 24Page - Analog Devices AD9260AS Datasheet HTML 25Page - Analog Devices AD9260AS Datasheet HTML 26Page - Analog Devices AD9260AS Datasheet HTML 27Page - Analog Devices AD9260AS Datasheet HTML 28Page - Analog Devices AD9260AS Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
AD9260
Rev. C | Page 24 of 44
ANALOG INPUT AND REFERENCE OVERVIEW
Figure 60, a simplified model of the AD9260, highlights the
relationship between the analog inputs, VINA, VINB and the
reference voltage VREF. Like the voltage applied to the top of
the resistor ladder in a flash A/D converter, the value VREF
defines the maximum input voltage to the A/D converter. An
internal reference buffer in the AD9260 scales the reference
voltage VREF before it is applied internally to the AD9260 A/D
core. The scale factor of this reference buffer is 0.8.
Consequently, the maximum input voltage to the A/D core is
+0.8 × VREF. The minimum input voltage to the A/D core is
automatically defined to be –0.8 × VREF. With this scale factor,
the maximum differential input span of 4 V p-p is obtained
with a VREF voltage of 2.5 V. A smaller differential input span
may be obtained by using a VREF voltage of less than 2.5 V at
the expense of ac performance (refer to Figure 52).
A/D CORE
–0.8
× VREF
+0.8
× VREF
16
+
–
VINA
VINB
Σ
Figure 60. Simplified Input Model
INPUT SPAN
The AD9260 is implemented with a differential input structure.
This structure allows the common-mode level (average voltage
of the two input pins) of the input signal to be varied
independently of the input span of the converter over a wide
range, as shown in Figure 50. Specifically, the input to the A/D
core is the difference of the voltages applied at the VINA and
VINB input pins. Therefore, the equation,
VINB
VINA
VCORE
−
=
(1)
defines the output of the differential input stage and provides
the input to the A/D core.
The voltage, VCORE, must satisfy the condition,
VREF
VCORE
VREF
×
+
≤
≤
×
−
8
.
0
8
.
0
(2)
where VREF is the voltage at the VREF pin.
INPUT COMPLIANCE RANGE
In addition to the limitations on the differential span of the
input signal indicated in Equation 2, an additional limitation is
placed on the inputs by the analog input structure of the
AD9260. The analog input structure bounds the valid operating
range for VINA and VINB. The condition,
V
AVDD
VINB
V
AVSS
V
AVDD
VINA
V
AVSS
5
.
0
5
.
0
5
.
0
5
.
0
+
<
<
+
−
<
<
+
(3)
where AVSS is nominally 0 V and AVDD is nominally +5 V,
defines this requirement. Thus the valid inputs for VINA and
VINB are any combination that satisfies both Equations 2 and 3.
Note that the clock clamping method used in the differential
driver circuit shown in Figure 63 is sufficient for protecting the
AD9260 in an undervoltage condition.
For additional information showing the relationships between
VINA, VINB, VREF, and the digital output of the AD9260, see
Table 13.
Refer to Table 12 for a summary of the various analog input and
reference configurations.
ANALOG INPUT OPERATION
The analog input structure of the AD9260 is optimized to meet
the performance requirements for some of the most demanding
communication and data acquisition applications. This input
structure is composed of a switched-capacitor network that
samples the input signal applied to pins VINA and VINB on
every rising edge of the CLK pin. The input switched capacitors
are charged to the input voltage during each period of CLK. The
resulting charge, q, on these capacitors is equal to C × VIN,
where C is the input capacitor. The change in charge on these
capacitors, delta q, as the capacitors are charged from a previous
sample of the input signal to the next sample, is approximated
in the following equation,
(
)
2
~
−
−
×
=
×
N
N
N
V
V
C
deltaV
C
q
delta
(4)
where VN represents the present sample of the input signal and
VN–2 represents the sample taken two clock cycles earlier. The
average current flow into the input (provided from an external
source) is given in the following equation,
(
)
CLOCK
N
N
f
V
V
C
T
q
delta
I
×
−
×
=
−2
~
/
(5)
where T represents the period of CLK and fCLOCK represents the
frequency of CLK. Equations 4 and 5 provide simplifying
approximations of the operation of the analog input structure of
the AD9260. A more exact, detailed description and analysis of
the input operation follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com