Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260ASRL Datasheet(PDF) 44 Page - Analog Devices

Part # AD9260ASRL
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASRL Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9260ASRL Datasheet HTML 37Page - Analog Devices AD9260ASRL Datasheet HTML 38Page - Analog Devices AD9260ASRL Datasheet HTML 39Page - Analog Devices AD9260ASRL Datasheet HTML 40Page - Analog Devices AD9260ASRL Datasheet HTML 41Page - Analog Devices AD9260ASRL Datasheet HTML 42Page - Analog Devices AD9260ASRL Datasheet HTML 43Page - Analog Devices AD9260ASRL Datasheet HTML 44Page - Analog Devices AD9260ASRL Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
AD9260
Rev. C | Page 43 of 44
OUTLINE DIMENSIONS
0.80
BSC
0.45
0.29
2.45
MAX
1.03
0.88
0.73
SEATING
PLANE
TOP VIEW
(PINS DOWN)
1
33
34
11
12
23
22
44
COPLANARITY
0.10
PIN 1
0.25 MAX
0.10 MIN
VIEW A
ROTATED 90° CCW
7°
0°
2.20
2.00
1.80
VIEW A
13.45
13.20 SQ
12.95
10.20
10.00 SQ
9.80
COMPLIANT TO JEDEC STANDARDS MS-022AB
-
Figure 85.44-Lead MQFP
(S-44)
Dimensions shown in millimeters and inches
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option1
AD9260AS
–40°C to +85°C
44-Lead MQFP
S-44
AD9260ASRL
–40°C to +85°C
44-Lead MQFP
S-44
AD9260ASZ2
–40°C to +85°C
44-Lead MQFP
S-44
AD9260ASZRL
2
–40°C to +85°C
44-Lead MQFP
S-44
AD9260-EB
Evaluation Board
1 S = Metric Quad Flatpack.
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com