Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260ASRL Datasheet(PDF) 1 Page - Analog Devices

Part # AD9260ASRL
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASRL Datasheet(HTML) 1 Page - Analog Devices

  AD9260ASRL Datasheet HTML 1Page - Analog Devices AD9260ASRL Datasheet HTML 2Page - Analog Devices AD9260ASRL Datasheet HTML 3Page - Analog Devices AD9260ASRL Datasheet HTML 4Page - Analog Devices AD9260ASRL Datasheet HTML 5Page - Analog Devices AD9260ASRL Datasheet HTML 6Page - Analog Devices AD9260ASRL Datasheet HTML 7Page - Analog Devices AD9260ASRL Datasheet HTML 8Page - Analog Devices AD9260ASRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
High Speed Oversampling CMOS ADC with
16-Bit Resolution at a 2.5 MHz Output Word Rate
AD9260
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Monolithic 16-bit, oversampled A/D converter
8× oversampling mode, 20 MSPS clock
2.5 MHz output word rate
1.01 MHz signal passband with 0.004 dB ripple
Signal-to-noise ratio: 88.5 dB
Total harmonic distortion: –96 dB
Spurious-free dynamic range: 100 dB
Input referred noise: 0.6 LSB
Selectable oversampling ratio: 1×, 2×, 4×, 8×
Selectable power dissipation: 150 mW to 585 mW
85 dB stop-band attenuation
0.004 dB pass-band ripple
Linear phase
Single 5 V analog supply, 5 V/3 V digital supply
Synchronize capability for parallel ADC interface
Twos complement output data
44-lead MQFP
PRODUCT DESCRIPTION
The AD9260 is a 16-bit, high-speed oversampled analog-to-
digital converter (ADC) that offers exceptional dynamic range
over a wide bandwidth. The AD9260 is manufactured on an
advanced CMOS process. High dynamic range is achieved with
an oversampling ratio of 8× through the use of a proprietary
technique that combines the advantages of sigma-delta and
pipeline converter technologies. The AD9260 is a switched-
capacitor ADC with a nominal full-scale input range of 4 V. It
offers a differential input with 60 dB of common-mode rejec-
tion of common-mode signals. The signal range of each differ-
ential input is ±1 V centered on a 2.0 V common-mode level.
The on-chip decimation filter is configured for maximum
performance and flexibility. A series of three half-band FIR
filter stages provide 8× decimation filtering with 85 dB of stop-
band attenuation and 0.004 dB of pass-band ripple. An onboard
digital multiplexer allows the user to access data from the
various stages of the decimation filter. The on-chip
programmable reference and reference buffer amplifier are
configured for maximum accuracy and flexibility. An external
reference can also be chosen to suit the user’s specific dc
accuracy and drift requirements.
The AD9260 operates on a single +5 V supply, typically
consuming 585 mW of power. A power scaling circuit is
provided allowing the AD9260 to operate at power consump-
FUNCTIONAL BLOCK DIAGRAM
MULTIBIT
SIGMA-DELTA
MODULATOR
RESET/
SYNC
12-BIT:
20MHz
DIGITAL
DEMODULATOR
STAGE 1:2X
DECIMATION
FILTER
STAGE 2:2X
DECIMATION
FILTER
STAGE 3:2X
DECIMATION
FILTER
DVSS DVDD
16-BIT:
10MHz
16-BIT:
5MHz
16-BIT:
2.5MHz
MODE
REGISTER
REFERENCE
BUFFER
BANDGAP
REFERENCE
BIAS
CIRCUIT
CLOCK
BUFFER
AD9260
OTR
BIT1–
BIT16
DAV
CS
MODE
CLK
BIAS ADJUST
REFCOM
SENSE
VREF
COMMON
MODE
REF
BOTTOM
REF TOP
VINB
VINA
READ
Figure 1.
tion levels as low as 150 mW at reduced clock and data rates.
The AD9260 is available in a 44-lead MQFP package and is
specified to operate over the industrial temperature range.
PRODUCT HIGHLIGHTS
The AD9260 is fabricated on a very cost effective CMOS
process. High speed, precision, mixed-signal analog circuits are
combined with high density digital filter circuits. The AD9260
offers a complete single-chip 16-bit sampling ADC with a 2.5
MHz output data rate in a 44-lead MQFP.
Selectable Internal Decimation Filtering
—The AD9260
provides a high performance decimation filter with 0.004 dB
pass-band ripple and 85 dB of stop-band attenuation. The filter
is configurable with options for 1×, 2×, 4×, and 8× decimation.
Power Scaling
—The AD9260 consumes a low 585 mW of
power at 16-bit resolution and 2.5 MHz output data rate. Its
power can be scaled down to as low as 150 mW at reduced
clock rates.
Single Supply
—Both the analog and digital portions of the
AD9260 can operate off of a single +5 V supply, simplifying
system power supply design. The digital logic will also
accommodate a single +3 V supply for reduced power.


Similar Part No. - AD9260ASRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260AS AD-AD9260AS Datasheet
572Kb / 36P
High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV.B
More results

Similar Description - AD9260ASRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
572Kb / 36P
High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV.B
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
%V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX162 MAXIM-MAX162 Datasheet
619Kb / 16P
Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
logo
Analog Devices
AD776 AD-AD776 Datasheet
921Kb / 12P
16-Bit 100 kSPS Oversampling ADC
REV. A
logo
Maxim Integrated Produc...
MAX1401 MAXIM-MAX1401_02 Datasheet
494Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
logo
Analog Devices
AD9260 AD-AD9260_15 Datasheet
1Mb / 44P
High Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. C
logo
Texas Instruments
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
GSPS Ultra High-Speed ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com