Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260ASRL Datasheet(PDF) 7 Page - Analog Devices

Part # AD9260ASRL
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASRL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9260ASRL Datasheet HTML 3Page - Analog Devices AD9260ASRL Datasheet HTML 4Page - Analog Devices AD9260ASRL Datasheet HTML 5Page - Analog Devices AD9260ASRL Datasheet HTML 6Page - Analog Devices AD9260ASRL Datasheet HTML 7Page - Analog Devices AD9260ASRL Datasheet HTML 8Page - Analog Devices AD9260ASRL Datasheet HTML 9Page - Analog Devices AD9260ASRL Datasheet HTML 10Page - Analog Devices AD9260ASRL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AD9260
Rev. C | Page 6 of 44
DIGITAL FILTER CHARACTERISTICS
Table 4.
Parameter
AD9260
Unit
8× DECIMATION (N = 8)
Pass-Band Ripple
0.00125
dB max
Stop-Band Attenuation
82.5
dB min
Pass-Band
0
MHz min
0.605 × (fCLOCK/20 MHz)
MHz max
Stop-Band
1.870 × (fCLOCK/20 MHz)
MHz min
18.130 × (fCLOCK/20 MHz)
MHz max
Pass-Band/Transition Band Frequency
(–0.1 dB Point)
0.807 × (fCLOCK/20 MHz)
MHz max
(–3.0 dB Point)
1.136 × (fCLOCK/20 MHz)
MHz max
Absolute Group Delay1
13.55 × (20 MHz/fCLOCK)
µs max
Group Delay Variation
0
µs max
Settling Time (to ± 0.0007%)1
24.2 × (20 MHz/fCLOCK)
µs max
4× DECIMATION (N = 4)
Pass-Band Ripple
0.001
dB max
Stop-Band Attenuation
82.5
dB min
Pass-Band
0
MHz min
1.24 × (fCLOCK/20 MHz)
MHz max
Stop-Band
3.75 × (fCLOCK/20 MHz)
MHz min
16.25 × (fCLOCK/20 MHz)
MHz max
Pass-Band/Transition Band Frequency
(–0.1 dB Point)
1.61 × (fCLOCK/20 MHz)
MHz max
(–3.0 dB Point)
2.272 × (fCLOCK/20 MHz)
MHz max
Absolute Group Delay1
2.90 × (20 MHz/fCLOCK)
µs max
Group Delay Variation
0
µs max
Settling Time (to ± 0.0007%)1
5.05 × (20 MHz/fCLOCK)
µs max
2× DECIMATION (N = 2)
Pass-Band Ripple
0.0005
dB max
Stop-Band Attenuation
85.5
dB min
Pass-Band
0
MHz min
2.491 × (fCLOCK/20 MHz)
MHz max
Stop-Band
7.519 × (fCLOCK/20 MHz)
MHz min
12.481 × (fCLOCK/20 MHz)
MHz max
Pass-Band/Transition Band Frequency
(–0.1 dB Point)
3.231 × (fCLOCK/20 MHz)
MHz max
(–3.0 dB Point)
4.535 × (fCLOCK/20 MHz)
MHz max
Absolute Group Delay1
0.80 × (20 MHz/fCLOCK)
µs max
Group Delay Variation
0
µs max
Settling Time (to ± 0.0007%)1
1.40 × (20 MHz/fCLOCK)
µs max
1× DECIMATION (N = 1)
Propagation Delay: tPROP
13
ns max
Absolute Group Delay
(225 × (20 MHz/fCLOCK)) + tPROP
ns max
1 To determine overall Absolute Group Delay and/or Settling Time inclusive of delay from the sigma-delta modulator, add Absolute Group Delay and/or Settling Time
pertaining to specific decimation mode to the Absolute Group Delay specified in 1 ×decimation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com