Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260ASRL Datasheet(PDF) 5 Page - Analog Devices

Part # AD9260ASRL
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260ASRL Datasheet(HTML) 5 Page - Analog Devices

  AD9260ASRL Datasheet HTML 1Page - Analog Devices AD9260ASRL Datasheet HTML 2Page - Analog Devices AD9260ASRL Datasheet HTML 3Page - Analog Devices AD9260ASRL Datasheet HTML 4Page - Analog Devices AD9260ASRL Datasheet HTML 5Page - Analog Devices AD9260ASRL Datasheet HTML 6Page - Analog Devices AD9260ASRL Datasheet HTML 7Page - Analog Devices AD9260ASRL Datasheet HTML 8Page - Analog Devices AD9260ASRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD9260
Rev. C | Page 4 of 44
Parameter—Decimation Factor (N)
AD9260 (8)
AD9260 (4)
AD9260 (2)
AD9260 (1)
Unit
DVDD and DRVDD
+5.5
+5.5
+5.5
+5.5
V max
+2.7
+2.7
+2.7
+2.7
V min
Supply Current
IAVDD
115
115
115
115
mA typ
134
mA max
IDVDD
12.5
10.3
6.5
2.4
mA typ
3.5
mA max
IDRVDD
0.450
0.850
1.7
2.6
mA typ
POWER CONSUMPTION
613
608
600
585
mW typ
630
mW max
1 VINA and VINB connect to DUT CML.
2 Including Internal 2.5 V reference.
3 Excluding Internal 2.5 V reference.
4 Load regulation with 1 mA load current (in addition to that required by AD9260).
AC SPECIFICATIONS
AVDD = +5 V, DVDD = +3 V, DRVDD = +3 V, fCLOCK = 20 MSPS, VREF = +2.5 V, Input CML = 2.0 V TMIN to TMAX unless otherwise noted,
RBIAS = 2 kΩ.
Table 3.
Parameter—Decimation Factor (N)
AD9260(8)
AD9260(4)
AD9260(2)
AD9260(1)
Unit
DYNAMIC PERFORMANCE
INPUT TEST FREQUENCY: 100 kHz (typ)
Signal-to-Noise Ratio (SNR)
Input Amplitude = –0.5 dBFS
88.5
82
74
63
dB typ
Input Amplitude = –6.0 dBFS
82.5
78
68
58
dB typ
SNR and Distortion (SINAD)
Input Amplitude = –0.5 dBFS
87.5
82
74
63
dB typ
Input Amplitude = –6.0 dBFS
82
77.5
69
58
dB typ
Total Harmonic Distortion (THD)
Input Amplitude = –0.5 dBFS
–96
–96
–97
–98
dB typ
Input Amplitude = –6.0 dBFS
–93
–98
–96
–98
dB typ
Spurious-Free Dynamic Range (SFDR)
Input Amplitude = –0.5 dBFS
100
98
98
88
dB typ
Input Amplitude = –6.0 dBFS
94
100
94
84
dB typ
INPUT TEST FREQUENCY: 500 kHz
Signal to Noise Ratio (SNR)
Input Amplitude = –0.5 dBFS
86.5
82
74
63
dB typ
80.5
dB min
Input Amplitude = –6.0 dBFS
82.5
77
68
58
dB typ
SNR and Distortion (SINAD)
Input Amplitude = –0.5 dBFS
86.0
81
74
63
dB typ
80.0
dB min
Input Amplitude = –6.0 dBFS
82.0
77
68
58
dB typ
Total Harmonic Distortion (THD)
Input Amplitude = –0.5 dBFS
–97.0
–92
–89
–86
dB typ
–90.0
dB max
Input Amplitude = –6.0 dBFS
–95.5
–96
–89
–86
dB typ
Spurious-Free Dynamic Range (SFDR)
Input Amplitude = –0.5 dBFS
99.0
92
91
88
dB typ
90.0
dB max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com