Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 167 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 167 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 163Page - Maxim Integrated Products DS31256 Datasheet HTML 164Page - Maxim Integrated Products DS31256 Datasheet HTML 165Page - Maxim Integrated Products DS31256 Datasheet HTML 166Page - Maxim Integrated Products DS31256 Datasheet HTML 167Page - Maxim Integrated Products DS31256 Datasheet HTML 168Page - Maxim Integrated Products DS31256 Datasheet HTML 169Page - Maxim Integrated Products DS31256 Datasheet HTML 170Page - Maxim Integrated Products DS31256 Datasheet HTML 171Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
167 of 183
BYPASS. When the BYPASS instruction is latched into the parallel instruction register, JTDI connects
to JTDO through the 1-bit bypass test register. This allows data to pass from JTDI to JTDO without
affecting the device’s normal operation.
IDCODE. When the IDCODE instruction is latched into the parallel instruction register, the
identification test register is selected. The device identification code loads into the identification register
on the rising edge of JTCLK following entry into the Capture-DR state. Shift-DR can be used to shift the
identification code out serially through JTDO. During Test-Logic-Reset, the identification code is forced
into the instruction register’s parallel output. The device ID code always has 1 in the LSB position. The
next 11 bits identify the manufacturer’s JEDEC number and number of continuation bytes followed by 16
bits for the device and 4 bits for the version. The device ID code for the DS31256 is 00006143h.
12.4Test Registers
IEEE 1149.1 requires a minimum of two test registers—the bypass register and the boundary scan
register. An optional identification register has been included in the DS31256 design that is used in
conjunction with the IDCODE instruction and the Test-Logic-Reset state of the TAP controller.
Bypass Register
This is a single 1-bit shift register used in conjunction with the BYPASS, CLAMP, and HIGHZ
instructions that provides a short path between JTDI and JTDO.
Boundary Scan Register
This register contains both a shift register path and a latched parallel output for all control cells and digital
I/O cells. Visit www.maxim-ic.com/telecom for a downloadable BDSL file that contains all bit identity
and definition information.
Identification Register
The identification register contains a 32-bit shift register and a 32-bit latched parallel output. This register
is selected during the IDCODE instruction and when the TAP controller is in the Test-Logic-Reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com