Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 168 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 168 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 164Page - Maxim Integrated Products DS31256 Datasheet HTML 165Page - Maxim Integrated Products DS31256 Datasheet HTML 166Page - Maxim Integrated Products DS31256 Datasheet HTML 167Page - Maxim Integrated Products DS31256 Datasheet HTML 168Page - Maxim Integrated Products DS31256 Datasheet HTML 169Page - Maxim Integrated Products DS31256 Datasheet HTML 170Page - Maxim Integrated Products DS31256 Datasheet HTML 171Page - Maxim Integrated Products DS31256 Datasheet HTML 172Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
168 of 183
13.
AC CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Lead with Respect to VSS (except VDD)
-0.3V to 5.5V
Supply Voltage (VDD) with Respect to VSS
-0.3V to 3.63V
Operating Temperature/Ambient Temperature Under Bias
0°C to +70°C
Junction Temperature Under Bias
£125°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature Range
See IPC/JEDEC J-STD-020A Specification
ESD Tolerance (Note 1)
Class 2 (2000V→4000V HBM: 1.5k
W, 100pF)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0°C to +70°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 1
VIH
(Notes 2, 3)
1.8
5.5
V
Logic 0
VIL
(Note 2)
-0.3
+0.8
V
Supply
VDD
3.0
3.6
V
DC CHARACTERISTICS
(VDD = 3.0V to 3.6V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current at VDD = 3.6V
IDD
(Note 4)
500
770
mA
Lead Capacitance
CIO
7
pF
Schmitt Hysteresis
VTH
0.6
V
Input Leakage
IIL
(Note 5)
-10
+10
mA
Input Leakage (with pullups)
IILP
(Note 5)
-500
+500
mA
Output Leakage
ILO
(Note 6)
-10
+10
mA
Output Current (2.4V)
IOH
-4.0
mA
Output Current (0.4V)
IOL
+4.0
mA
Output Capacitance
COUT
(Note 1)
25
pF
Output Capacitance
COUTB
(Note 1)
50
pF
Note 1: COUTB refers to bus-related outputs (PCI and local bus); COUT refers to all other outputs.
Note 2: Assumes a reasonably noise-free environment.
Note 3: The PCI 2.1 Specification states that VIH should be VDD/2 in a 3.3V signaling environment, and 2.0V in a 5V signaling environment.
Note 4: Measured 550mA with RC0 to RC15 and TC0 to TC15 = 2.048MHz, PCLK = 33MHz, constant traffic on all ports.
Note 5: 0V < VIN < VDD
Note 6: Outputs in tri-state.
Note 7: The typical values listed above are not production tested.
Note 8: Dallas Semiconductor Communications devices are tested in accordance with ESDA STM 5.1-1998.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com