Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 178 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 178 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 174Page - Maxim Integrated Products DS31256 Datasheet HTML 175Page - Maxim Integrated Products DS31256 Datasheet HTML 176Page - Maxim Integrated Products DS31256 Datasheet HTML 177Page - Maxim Integrated Products DS31256 Datasheet HTML 178Page - Maxim Integrated Products DS31256 Datasheet HTML 179Page - Maxim Integrated Products DS31256 Datasheet HTML 180Page - Maxim Integrated Products DS31256 Datasheet HTML 181Page - Maxim Integrated Products DS31256 Datasheet HTML 182Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
178 of 183
16.
THERMAL CHARACTERISTICS
Table 16-A. Thermal Properties, Natural Convection
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient Temperature
(Note 1)
0
+70°C
°C
Junction Temperature
0
+125°C
°C
Theta-JA (
qJA), Still Air
(Note 2)
15.4
°C/W
Psi-JB (
YJB), Still Air
7.03
°C/W
Psi-JT (
YJT), Still Air
0.07
°C/W
Note 1: The package is mounted on a four-layer JEDEC standard test board with no airflow and dissipating maximum power.
Note 2: Theta-JA (
qJA) is the junction-to-ambient thermal resistance, when the package is mounted on a four-layer JEDEC standard test board
with no airflow and dissipating maximum power.
Table 16-B. Thermal Properties vs. Airflow
FORCED AIR (m/s)
THETA-JA (
qJA)
Psi-JB (
YJB)
Psi-JT (
YJT)
0
15.4
°C/W
7.03
°C/W
0.07
°C/W
1
13.0
°C/W
6.77
°C/W
0.40
°C/W
2.5
11.9
°C/W
6.53
°C/W
0.57
°C/W
Figure 16-1. 27mm x 27mm PBGA with 256 Balls, 2oz Planes, +70
°C
Ambient, Under Natural Convection at 3.0W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com