Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 179 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 179 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 175Page - Maxim Integrated Products DS31256 Datasheet HTML 176Page - Maxim Integrated Products DS31256 Datasheet HTML 177Page - Maxim Integrated Products DS31256 Datasheet HTML 178Page - Maxim Integrated Products DS31256 Datasheet HTML 179Page - Maxim Integrated Products DS31256 Datasheet HTML 180Page - Maxim Integrated Products DS31256 Datasheet HTML 181Page - Maxim Integrated Products DS31256 Datasheet HTML 182Page - Maxim Integrated Products DS31256 Datasheet HTML 183Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 179 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
179 of 183
17.
APPLICATIONS
This section describes some possible applications for the DS31256. There are numerous potential
configurations but only a few are shown. Users are encouraged to contact the factory for support of their
particular
application.
Email
telecom.support@dalsemi.com
or
visit
our
website
at
www.maxim-ic.com/telecom for more information.
The T1 and E1 channelized application examples in this section are one of two types. The first type is
where a single T1 or E1 data stream is routed to and from the DS31256. This is represented as a thin
arrow in the application examples (Figure 17-1). Figure 17-2 shows the electrical connections. The
second type is where four T1 or E1 data streams have been TDM into a single 8.192MHz data stream,
which is routed to and from the DS31256. This type is represented as a thick arrow in Figure 17-1.
Figure 17-3 shows the electrical connections.
Figure 17-1. Application Drawing Key
Figure 17-2. Single T1/E1 Line Connection
1x
SINGLE T1 OR E1 LINE AT 1.544MHz OR 2.048MHz
4x
QUAD (4) T1 OR 31 LINES BYTE INTERLEAVED AT 8.192MHz
RCLK
RSER
RSYNC
TCLK
TSER
TSYNC
RC
RD
RS
TC
TS
TD
DS31256
DALLAS FRAMER
OR TRANSCEIVER
(ELASTIC STORES
DISABLED)
Note: A looped timed application is shown. The transmit clock may be decoupled from the receive in timing master applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com