Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016V1C Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6R1016V1C
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1C Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K6R1016V1C Datasheet HTML 3Page - Samsung semiconductor K6R1016V1C Datasheet HTML 4Page - Samsung semiconductor K6R1016V1C Datasheet HTML 5Page - Samsung semiconductor K6R1016V1C Datasheet HTML 6Page - Samsung semiconductor K6R1016V1C Datasheet HTML 7Page - Samsung semiconductor K6R1016V1C Datasheet HTML 8Page - Samsung semiconductor K6R1016V1C Datasheet HTML 9Page - Samsung semiconductor K6R1016V1C Datasheet HTML 10Page - Samsung semiconductor K6R1016V1C Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
K6R1016V1C-C/C-L, K6R1016V1C-I/C-P
CMOS SRAM
Revision 3.3
- 9 -
October 2000
for AT&T
DATA RETENTION CHARACTERISTICS*(TA=0 to 70
°C)
* The above parameters are also guaranteed at industrial temperature range.
Data Retention Characteristic is for L-ver only.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VCC for Data Retention
VDR
CS
≥VCC-0.2V
2.0
-
3.6
V
Data Retention Current
IDR
VCC=3.0V, CS
≥VCC-0.2V
VIN
≥VCC-0.2V or VIN≤0.2V
-
-
0.4
mA
VCC=2.0V, CS
≥VCC-0.2V
VIN
≥VCC-0.2V or VIN≤0.2V
-
-
0.3
Data Retention Set-Up Time
tSDR
See Data Retention
Wave form(below)
0
-
-
ns
Recovery Time
tRDR
5
-
-
ms
DATA RETENTION WAVE FORM
CS controlled
VCC
3.0V
VIH
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com