Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016V1C Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6R1016V1C
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1C Datasheet(HTML) 2 Page - Samsung semiconductor

  K6R1016V1C Datasheet HTML 1Page - Samsung semiconductor K6R1016V1C Datasheet HTML 2Page - Samsung semiconductor K6R1016V1C Datasheet HTML 3Page - Samsung semiconductor K6R1016V1C Datasheet HTML 4Page - Samsung semiconductor K6R1016V1C Datasheet HTML 5Page - Samsung semiconductor K6R1016V1C Datasheet HTML 6Page - Samsung semiconductor K6R1016V1C Datasheet HTML 7Page - Samsung semiconductor K6R1016V1C Datasheet HTML 8Page - Samsung semiconductor K6R1016V1C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
K6R1016V1C-C/C-L, K6R1016V1C-I/C-P
CMOS SRAM
Revision 3.3
- 2 -
October 2000
for AT&T
64K x 16 Bit High-Speed CMOS Static RAM(3.3V Operating)
The K6R1016V1C is a 1,048,576-bit high-speed Static Random
Access Memory organized as 65,536 words by 16 bits. The
K6R1016V1C uses 16 common input and output lines and has
at output enable pin which operates faster than address access
time at read cycle. Also it allows that lower and upper byte
access by data byte control (UB, LB). The device is fabricated
using SAMSUNG
′s advanced CMOS process and designed for
high-speed circuit technology. It is particularly well suited for
use in high-density high-speed system applications. The
K6R1016V1C is packaged in a 400mil 44-pin plastic SOJ or
TSOP2 forward or 48-Fine pitch BGA.
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10,12,15,20ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 30mA(Max.)
(CMOS) :
5mA(Max.)
0.5mA(Max.) L-ver. only
Operating * K6R1016V1C-10: 105mA(Max.)
K6R1016V1C-12: 95mA(Max.)
K6R1016V1C-15: 93mA(Max.)
K6R1016V1C-20: 90mA(Max.)
• Single 3.3V Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• 2V Minimum Data Retention: L-ver. only
• Center Power/Ground Pin Configuration
• Data Byte Control: LB: I/O1~ I/O8, UB: I/O9~ I/O16
• Standard Pin Configuration:
K6R1016V1C-J: 44-SOJ-400
K6R1016V1C-T: 44-TSOP2-400BF
K6R1016V1C-F: 48-Fine pitch BGA with 0.75 Ball pitch
Clk Gen.
I/O1~I/O8
OE
UB
CS
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
A10 A11 A12 A13 A14 A15
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
128x16 Columns
I/O Circuit &
A0
I/O9~I/O16
Data
Cont.
WE
LB
K6R1016V1C-C10/C12/C15/C20
Commercial Temp.
K6R1016V1C-I10/I12/I15/I20
Industrial Temp.
ORDERING INFORMATION
A1
A2
A3
A4
A5
A6
A7
A9
A8
PIN FUNCTION
Pin Name
Pin Function
A0 - A15
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
LB
Lower-byte Control(I/O1~I/O8)
UB
Upper-byte Control(I/O9~I/O16)
I/O1 ~ I/O16
Data Inputs/Outputs
VCC
Power(+3.3V)
VSS
Ground
N.C
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com