Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016V1C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6R1016V1C
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1C Datasheet(HTML) 3 Page - Samsung semiconductor

  K6R1016V1C Datasheet HTML 1Page - Samsung semiconductor K6R1016V1C Datasheet HTML 2Page - Samsung semiconductor K6R1016V1C Datasheet HTML 3Page - Samsung semiconductor K6R1016V1C Datasheet HTML 4Page - Samsung semiconductor K6R1016V1C Datasheet HTML 5Page - Samsung semiconductor K6R1016V1C Datasheet HTML 6Page - Samsung semiconductor K6R1016V1C Datasheet HTML 7Page - Samsung semiconductor K6R1016V1C Datasheet HTML 8Page - Samsung semiconductor K6R1016V1C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
K6R1016V1C-C/C-L, K6R1016V1C-I/C-P
CMOS SRAM
Revision 3.3
- 3 -
October 2000
for AT&T
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 4.6
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 4.6
V
Power Dissipation
Pd
1
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TA
0 to 70
°C
Industrial
TA
-40 to 85
°C
RECOMMENDED DC OPERATING CONDITIONS (TA= 0 to 70
°C)
(1) For K6R1016V1C-10 only.
(2) For all speed grades except K6R1016V1C-10.
(3) VIH(Max) = VCC + 2.0V a.c(Pulse Width
≤ 8ns) for I ≤ 20mA
(4) VIL(Min) = -2.0V a.c(Pulse Width
≤ 8ns) for I ≤ 20mA.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC(1)
3.15
3.3
3.6
V
Supply Voltage
VCC(2)
3.0
3.3
3.6
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.0
-
VCC+0.3(3)
V
Input Low Voltage
VIL
-0.3(4)
-
0.8
V
LB
OE
A0
A1
A2
N.C
I/O1
UB
A3
A4
CS
I/O9
I/O2
I/O3
A5
A6
I/O11
I/O10
Vss
I/O4
N.C
A7
I/O12
Vcc
Vcc
I/O5
N.C
N.C
I/O13
Vss
I/O7
I/O6
A14
A15
I/O14
I/O15
I/O8
N.C
A12
A13
WE
I/O16
N.C
A8
A9
A10
A11
N.C
1
2
3
4
5
6
A
B
C
D
E
F
G
H
48-CSP
PIN CONFIGURATION(TOP VIEW)
SOJ/
TSOP2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A15
A14
A13
OE
UB
LB
I/O16
I/O15
I/O14
I/O13
Vss
Vcc
I/O12
I/O11
I/O10
I/O9
N.C
A12
A11
A10
A9
N.C
A0
A1
A2
A3
A4
CS
I/O1
I/O2
I/O3
I/O4
Vcc
Vss
I/O5
I/O6
I/O7
I/O8
WE
A5
A6
A7
A8
N.C
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com