Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016V1C Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6R1016V1C
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1C Datasheet(HTML) 1 Page - Samsung semiconductor

  K6R1016V1C Datasheet HTML 1Page - Samsung semiconductor K6R1016V1C Datasheet HTML 2Page - Samsung semiconductor K6R1016V1C Datasheet HTML 3Page - Samsung semiconductor K6R1016V1C Datasheet HTML 4Page - Samsung semiconductor K6R1016V1C Datasheet HTML 5Page - Samsung semiconductor K6R1016V1C Datasheet HTML 6Page - Samsung semiconductor K6R1016V1C Datasheet HTML 7Page - Samsung semiconductor K6R1016V1C Datasheet HTML 8Page - Samsung semiconductor K6R1016V1C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
K6R1016V1C-C/C-L, K6R1016V1C-I/C-P
CMOS SRAM
Revision 3.3
- 1 -
October 2000
for AT&T
Document Title
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating)
Operated at Commercial and Industrial Temperature Ranges.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any questions,
please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 2.1
Rev. 2.2
Rev. 3.0
Rev. 3.1
Rev. 3.2
Rev. 3.3
Remark
Preliminary
Final
Final
Final
Final
Final
Final
Final
Final
History
Initial release with Preliminary.
Release to Final Data Sheet.
1.1. Delete Preliminary.
1.2. Changed DC characteristics.
Added 48-fine pitch BGA.
Changed device part name for FP-BGA.
ex) K6R1016V1C-Z -> K6R1016V1C-F
Changed device ball name for FP-BGA.
1. Added 10ns speed for FP-BGA only.
2. Changed Standby Current.
3. Added Data Retention Characteristics.
Added 10ns speed for all packages(44SOJ / 44TSOP2 / 48FPBGA)
Supply Voltage Change
1. Only 10ns Bin : 3.15V ~ 3.6V
2. The Rest Bin : 3.0V ~ 3.6V
VIH/VIL Change
Item
Previous
Changed
ICC
12ns
85mA
95mA
15ns
83mA
93mA
20ns
80mA
90mA
Item
Previous
Changed
Symbol
Z
F
Previous
Changed
I/O1 ~ I/O8
I/O9 ~ I/O16
I/O9 ~ I/O16
I/O1 ~ I/O8
Item
Previous
Changed
Standby Current(Isb1)
0.3mA
0.5mA
Item
Previous
Changed
Min
Max
Min
Max
VIH
2.0
VCC+0.5
2.0
VCC+0.3
VIL
-0.5
0.8
-0.3
0.8
Draft Data
Aug. 5. 1998
Sep. 7. 1998
Sep. 17. 1998
Nov. 5. 1998
Dec. 10. 1998
Mar. 2. 1999
Apr. 24. 2000
Aug. 25. 2000
Oct. 2. 2000


Similar Part No. - K6R1016V1C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC08 SAMSUNG-K6R1016V1D-EC08 Datasheet
188Kb / 9P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1016V1D-EC08 SAMSUNG-K6R1016V1D-EC08 Datasheet
192Kb / 9P
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC08/10 SAMSUNG-K6R1016V1D-EC08/10 Datasheet
192Kb / 9P
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC10 SAMSUNG-K6R1016V1D-EC10 Datasheet
188Kb / 9P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1016V1C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com