Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12CP21 Datasheet(PDF) 4 Page - Microchip Technology

Part # SST12CP21
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP21 Datasheet(HTML) 4 Page - Microchip Technology

  SST12CP21 Datasheet HTML 1Page - Microchip Technology SST12CP21 Datasheet HTML 2Page - Microchip Technology SST12CP21 Datasheet HTML 3Page - Microchip Technology SST12CP21 Datasheet HTML 4Page - Microchip Technology SST12CP21 Datasheet HTML 5Page - Microchip Technology SST12CP21 Datasheet HTML 6Page - Microchip Technology SST12CP21 Datasheet HTML 7Page - Microchip Technology SST12CP21 Datasheet HTML 8Page - Microchip Technology SST12CP21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SST12CP21
DS70005165A-page 4
Preliminary
 2014 Microchip Technology Inc.
3.0
PIN ASSIGNMENTS
FIGURE 3-1:
PIN ASSIGNMENTS FOR 16-CONTACT UQFN
4.0
PIN DESCRIPTIONS
56
8
16
15
14
9
11
12
10
13
NC
RFOUT/VCC3
RFOUT/VCC3
NC
2
1
4
3
RFIN
VREF
NC
VCCb
7
70005165 P1.0
Top View
(contacts facing down)
RF and DC GND
0
TABLE 4-1:
PIN DESCRIPTION
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
The center pad should be connected to RF ground
RFIN
1
RFIN
I
RF input, DC decoupled
VREF
2
VREF
PWR
PA enable and idle-current control
NC
3
No Connection
No Internal Connection
VCCb
4
Power Supply
PWR
Supply voltage for bias circuit
NC
5
No Connection
No Internal Connection
NC
6
No Connection
No Internal Connection
VDET
7
VDET
O
On-chip power detector
NC
8
No Connection
No Internal Connection
NC
9
No Connection
No Internal Connection
RFOUT
10
RFOUT
O
RF output
RFOUT
11
RFOUT
O
RF output
NC
12
No Connection
No Internal Connection
VCC2
13
VCC2
PWR
PWR power supply, 2nd stage
NC
14
NC
No Internal Connection
VCC1
15
VCC1‘
PWR
PWR power supply, 1st stage
NC
16
No Connection
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com