Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12CP21 Datasheet(PDF) 15 Page - Microchip Technology

Part # SST12CP21
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP21 Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST12CP21 Datasheet HTML 9Page - Microchip Technology SST12CP21 Datasheet HTML 10Page - Microchip Technology SST12CP21 Datasheet HTML 11Page - Microchip Technology SST12CP21 Datasheet HTML 12Page - Microchip Technology SST12CP21 Datasheet HTML 13Page - Microchip Technology SST12CP21 Datasheet HTML 14Page - Microchip Technology SST12CP21 Datasheet HTML 15Page - Microchip Technology SST12CP21 Datasheet HTML 16Page - Microchip Technology SST12CP21 Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
 2014 Microchip Technology Inc.
Preliminary
DS70005165A-page 15
SST12CP21
8.0
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
Device
Device:
SST12CP21
= 2.4 GHz High-Gain, High-Efficiency
Power Amplifier
Package:
QUCE
= UQFN (3mm x 3mm), 0.6 max
thickness 16-contact
Evaluation Kit
Flag
K
= Evaluation Kit
Valid Combinations:
SST12CP21-QUCE
SST12CP21-QUCE-K
XXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com