Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12CP21 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12CP21
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP21 Datasheet(HTML) 1 Page - Microchip Technology

  SST12CP21 Datasheet HTML 1Page - Microchip Technology SST12CP21 Datasheet HTML 2Page - Microchip Technology SST12CP21 Datasheet HTML 3Page - Microchip Technology SST12CP21 Datasheet HTML 4Page - Microchip Technology SST12CP21 Datasheet HTML 5Page - Microchip Technology SST12CP21 Datasheet HTML 6Page - Microchip Technology SST12CP21 Datasheet HTML 7Page - Microchip Technology SST12CP21 Datasheet HTML 8Page - Microchip Technology SST12CP21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 2014 Microchip Technology Inc.
Preliminary
DS70005165A-page 1
Features
• High Gain:
- Typically 39 dB gain across 2.4–2.5 GHz over
temperature -20°C to +85°C
• High linear output power:
- >30 dBm P1dB
- Please refer to “Absolute Maximum Stress
Ratings” on page 5
- Meets 802.11g OFDM spectrum mask require-
ment up to 28 dBm
- Typically 25 dBm with <3% EVM, 802.11g,
54 Mbps, 350 mA current
- Typically 24 dBm with <2.5% EVM, 802.11n,
MCS7-HT20, 50% duty cycle
- Typically 23 dBm with <1.75% EVM, MCS9-
HT40, 50% duty cycle, 320 mA current
- Meets 802.11b ACPR requirement up to 28 dBm
with 30% power-added efficiency
• High-speed power-up/down
- Turn on/off time (10%-90%) <100 ns
• 10:1 VSWR survivability (unconditionally stable
up to 28 dBm)
• On-chip power detection
- >20 dB dynamic range
- VSWR- and temperature-insensitive
• Simple input/output matching
• Packages available
- 16-contact UQFN (3mm x 3mm)
• All non-Pb (lead-free) devices are RoHS compli-
ant
Applications
• WLAN (IEEE 802.11b/g/n)
• WLAN 256 QAM
• AP router
• Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
1.0
PRODUCT DESCRIPTION
SST12CP21 is a high-power and high-gain power
amplifier (PA) based on the highly-reliable InGaP/GaAs
HBT technology.
This PA can be easily configured for high-power appli-
cations with high power-added efficiency while operat-
ing over the 2.4-2.5 GHz frequency band. It typically
provides 39 dB gain with 25% power-added efficiency
@ POUT = 28 dBm for 802.11g.
SST12CP21 has excellent linearity, typically 25 dBm at
3% EVM with 54 Mbps 802.11g operation while meet-
ing 802.11g spectrum mask at 28 dBm. SST12CP21
also has a single-ended power detector which lowers
the users’ cost for power control.
The power amplifier IC also features easy board-level
usage along with high-speed power-up/-down control.
SST12CP21 is offered in 16-contact UQFN package.
See Figure 3-1 for pin assignments and Table 4-1 for
pin descriptions.
SST12CP21
2.4 GHz High-Gain, High-Efficiency Power Amplifier


Similar Part No. - SST12CP21

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
10/11
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE MICROCHIP-SST12CP11C-QUCE Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE-K MICROCHIP-SST12CP11C-QUCE-K Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
More results

Similar Description - SST12CP21

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com