Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12CP21 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12CP21
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP21 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12CP21 Datasheet HTML 2Page - Microchip Technology SST12CP21 Datasheet HTML 3Page - Microchip Technology SST12CP21 Datasheet HTML 4Page - Microchip Technology SST12CP21 Datasheet HTML 5Page - Microchip Technology SST12CP21 Datasheet HTML 6Page - Microchip Technology SST12CP21 Datasheet HTML 7Page - Microchip Technology SST12CP21 Datasheet HTML 8Page - Microchip Technology SST12CP21 Datasheet HTML 9Page - Microchip Technology SST12CP21 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SST12CP21
DS70005165A-page 6
Preliminary
 2014 Microchip Technology Inc.
TABLE 5-3:
AC ELECTRICAL CHARACTERISTICS FOR CONFIGURATION AT VCC = 5V,
VREF = 2.95V, 25ºC, 50% DUTY CYCLE
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range in 802.11b/g applications
2400
2500
MHz
POUT
Output power at 3% EVM with 802.11g OFDM at 54
Mbps
25
dBm
Output power at 2.5% EVM with 802.11n MCS7 HT20
24
dBm
Output power at 1.75% EVM with 256 QAM MCS9 HT40
23
dBm
Output power meeting 802.11g spectral mask, 6 Mbps
28
dBm
Output power meeting 802.11n HT20 spectral mask
26
dBm
Output power meeting MCS9-HT40 spectral mask
26
dBm
Output power meeting 802.11b spectral mask with
11 Mbps CCK
28
dBm
G
Power gain for 802.11b/g/n/256 QAM
37
39
dB
GVAR
Gain variation over band
±0.5
dB
2f
Second Harmonic at 29 dBm, 802.11b mask compliance1
-50
dBm/MHz
3f
Third Harmonic at 29 dBm, 802.11b mask compliance1
-50
dBm/MHz
1. See Figure 6-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com