Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64RFR2 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATmega64RFR2
Description  Network support by hardware assisted Multiple PAN Address Filtering
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64RFR2 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATmega64RFR2 Datasheet HTML 5Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 6Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 7Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 8Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 9Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 10Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 11Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 12Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
8393CS-MCU Wireless-09/14
ATmega256/128/64RFR2
4 Application Circuits
4.1 Basic Application Schematic
A basic application schematic of the ATmega256/128/64RFR2 with a single-ended RF
connector is shown in Figure 4-1 below and the associated Bill of Material in Table 4-1
on page 10. The 50Ω single-ended RF input is transformed to the 100Ω differential RF
port impedance using Balun B1. The capacitors C1 and C2 provide AC coupling of the
RF input to the RF port, capacitor C4 improves matching.
Figure 4-1. Basic Application schematic (64-pin package)
8
7
6
5
4
3
2
1
17
18
19
20
21
22
23
24
56
57
58
59
60
61
62
63
AVSS
RFP
RFN
AVSS
TST
41
42
43
44
45
46
47
48
PB0
DVSS
PE0
PB7
CB3
CB4
RSTN
VDD
XTAL
CX1
CX2
CB1
VDD
CB2
C1
C2
B1
RF
C4
25
26
27
28
29
30
31
32
16
14
13
12
11
10
9
15
64
54
55
49
50
51
52
53
33
34
35
36
37
38
39
40
RSTON
XTAL
32kHz
CX3
CX4
CLKI
DEVDD
DVSS
DEVDD
PF7
PG0
Pins TST & CLKI
must be connected
The power supply bypass capacitors (CB2, CB4) are connected to the external analog
supply pin (EVDD, pin 59) and external digital supply pin (DEVDD, pin 23). Pins 34, 44
and 54 supply the digital port pins.
Floating pins can cause excessive power dissipation (e.g. during power on). They
should be connected to an appropriate source. GPIO shall not be connected to ground
or power supply directly.
The digital input pins TST and CLKI must be connected. If pin TST will never be used it
can be connected to AVSS while an unused pin CLKI could be connected to DVSS (see
chapter "Unused Pins" on page 7).
Capacitors CB1 and CB3 are bypass capacitors for the integrated analog and digital
voltage regulators to ensure stable operation and to improve noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com