Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64RFR2 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATmega64RFR2
Description  Network support by hardware assisted Multiple PAN Address Filtering
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64RFR2 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATmega64RFR2 Datasheet HTML 6Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 7Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 8Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 9Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 10Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 11Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 12Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 13Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
8393CS-MCU Wireless-09/14
ATmega256/128/64RFR2
•
RX/TX Indicator using alternate pin function DIG3/4 at Port G and F
An
extended
feature
set
application
schematic
illustrating
the
use
of
the
ATmega256/128/64RFR2 Extended Feature Set, is shown in Figure 4-2 below.
Figure 4-2. Extended Feature Application schematic
8
7
6
5
4
3
2
1
17
18
19
20
21
22
23
24
56
57
58
59
60
61
62
63
AVSS
RFP
RFN
AVSS
TST
41
42
43
44
45
46
47
48
PB0
DVSS
PE0
PB7
CB3
CB4
RSTN
VDD
XTAL
CX1
CX2
CB1
VDD
CB2
25
26
27
28
29
30
31
32
16
14
13
12
11
10
9
15
64
54
55
49
50
51
52
53
33
34
35
36
37
38
39
40
RSTON
XTAL
32kHz
CX3
CX4
CLKI
DEVDD
DVSS
DEVDD
PF7
PG0
ANT0
ANT1
B1
SW1
SW2
PA
LNA
N1
N2
Pins TST & CLKI
must be connected
Although this example shows all additional hardware features combined, it is possible to
use all features separately or in various combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com