Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64RFR2 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATmega64RFR2
Description  Network support by hardware assisted Multiple PAN Address Filtering
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64RFR2 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATmega64RFR2 Datasheet HTML 1Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 2Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 3Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 4Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 5Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 6Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 7Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 8Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
8393CS-MCU Wireless-09/14
ATmega256/128/64RFR2
Spectrum Signal (DSSS) processing with spreading and despreading. The device is
fully compatible with IEEE802.15.4-2011/2006/2003 and ZigBee standards.
The ATmega256/128/64RFR2 provides the following features: 256K/128K/64K Bytes of
In-System Programmable (ISP) Flash with read-while-write capabilities, 8K/4K/2K Bytes
EEPROM, 32K/16K/8K Bytes SRAM, up to 35 general purpose I/O lines, 32 general
purpose working registers, Real Time Counter (RTC), 6 flexible Timer/Counters with
compare modes and PWM, a 32 bit Timer/Counter, 2 USART, a byte oriented 2-wire
Serial Interface, a 8 channel, 10 bit analog to digital converter (ADC) with an optional
differential input stage with programmable gain, programmable Watchdog Timer with
Internal Oscillator, a SPI serial port, IEEE std. 1149.1 compliant JTAG test interface,
also used for accessing the On-chip Debug system and programming and 6 software
selectable power saving modes.
The Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and
interrupt system to continue functioning. The Power-down mode saves the register
contents but freezes the Oscillator, disabling all other chip functions until the next
interrupt or hardware reset. In Power-save mode, the asynchronous timer continues to
run, allowing the user to maintain a timer base while the rest of the device is sleeping.
The ADC Noise Reduction mode stops the CPU and all I/O modules except
asynchronous timer and ADC, to minimize switching noise during ADC conversions. In
Standby mode, the RC oscillator is running while the rest of the device is sleeping. This
allows very fast start-up combined with low power consumption. In Extended Standby
mode, both the main RC oscillator and the asynchronous timer continue to run.
Typical supply current of the microcontroller with CPU clock set to 16MHz and the radio
transceiver for the most important states is shown in the Figure 3-2 below.
Figure 3-2 Radio transceiver and microcontroller (16MHz) supply current
16,6mA
4,7mA
4,1mA
250nA
18,6mA
0
5
10
15
20
Deep Sleep
SLEEP
TRX_OFF
RX_ON
BUSY_TX
Radio transceiver and microcontroller (16MHz) supply current
1.8V
3.0V
3.6V
The transmit output power is set to maximum. If the radio transceiver is in SLEEP mode
the current is dissipated by the AVR microcontroller only.
In Deep Sleep mode all major digital blocks with no data retention requirements are
disconnected from main supply providing a very small leakage current. Watchdog timer,
MAC symbol counter and 32.768kHz oscillator can be configured to continue to run.
700nA
RPC enabled
□ 10.1mA
RPC disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com