Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega64RFR2 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATmega64RFR2
Description  Network support by hardware assisted Multiple PAN Address Filtering
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64RFR2 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATmega64RFR2 Datasheet HTML 1Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 2Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 3Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 4Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 5Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 6Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 7Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 8Page - ATMEL Corporation ATmega64RFR2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
8393CS-MCU Wireless-09/14
ATmega256/128/64RFR2
8-bit
Microcontroller
with Low Power
2.4GHz
Transceiver for
ZigBee and
IEEE 802.15.4
ATmega256RFR2
ATmega128RFR2
ATmega64RFR2
8393CS-MCU Wireless-09/14
Features
•
Network support by hardware assisted Multiple PAN Address Filtering
•
Advanced Hardware assisted Reduced Power Consumption
•
High Performance, Low Power AVR
® 8-Bit Microcontroller
•
Advanced RISC Architecture
-
135 Powerful Instructions – Most Single Clock Cycle Execution
-
32x8 General Purpose Working Registers / On-Chip 2-cycle Multiplier
-
Up to 16 MIPS Throughput at 16 MHz and 1.8V – Fully Static Operation
•
Non-volatile Program and Data Memories
-
256K/128K/64K Bytes of In-System Self-Programmable Flash
•
Endurance: 10’000 Write/Erase Cycles @ 125°C (25’000 Cycles @ 85°C)
-
8K/4K/2K Bytes EEPROM
•
Endurance: 20’000 Write/Erase Cycles @ 125°C (100’000 Cycles @ 25°C)
-
32K/16K/8K Bytes Internal SRAM
•
JTAG (IEEE std. 1149.1 compliant) Interface
-
Boundary-scan Capabilities According to the JTAG Standard
-
Extensive On-chip Debug Support
-
Programming of Flash EEPROM, Fuses and Lock Bits through the JTAG interface
•
Peripheral Features
-
Multiple Timer/Counter & PWM channels
-
Real Time Counter with Separate Oscillator
-
10-bit, 330 ks/s A/D Converter; Analog Comparator; On-chip Temperature Sensor
-
Master/Slave SPI Serial Interface
-
Two Programmable Serial USART
-
Byte Oriented 2-wire Serial Interface
•
Advanced Interrupt Handler and Power Save Modes
•
Watchdog Timer with Separate On-Chip Oscillator
•
Power-on Reset and Low Current Brown-Out Detector
•
Fully integrated Low Power Transceiver for 2.4 GHz ISM Band
-
High Power Amplifier support by TX spectrum side lobe suppression
-
Supported Data Rates: 250 kb/s and 500 kb/s, 1 Mb/s, 2 Mb/s
-
-100 dBm RX Sensitivity; TX Output Power up to 3.5 dBm
-
Hardware Assisted MAC (Auto-Acknowledge, Auto-Retry)
-
32 Bit IEEE 802.15.4 Symbol Counter
-
SFD-Detection, Spreading; De-Spreading; Framing ; CRC-16 Computation
-
Antenna Diversity and TX/RX control / TX/RX 128 Byte Frame Buffer
-
Phase measurement support
•
PLL synthesizer with 5 MHz and 500 kHz channel spacing for 2.4 GHz ISM Band
•
Hardware Security (AES, True Random Generator)
•
Integrated Crystal Oscillators (32.768 kHz & 16 MHz, external crystal needed)
•
I/O and Package
-
38 Programmable I/O Lines
-
64-pad QFN (RoHS/Fully Green)
•
Temperature Range: -40°C to 125°C Industrial
•
Ultra Low Power consumption (1.8 to 3.6V) for AVR & Rx/Tx: 10.1mA/18.6 mA
-
CPU Active Mode (16MHz): 4.1 mA
-
2.4GHz Transceiver: RX_ON 6.0 mA / TX 14.5 mA (maximum TX output power)
-
Deep Sleep Mode: <700nA @ 25°C
•
Speed Grade: 0 – 16 MHz @ 1.8 – 3.6V range with integrated voltage regulators
Applications
•
ZigBee
® / IEEE 802.15.4-2011/2006/2003™ – Full and Reduced Function Device
•
General Purpose 2.4GHz ISM Band Transceiver with Microcontroller
•
RF4CE, SP100, WirelessHART
™, ISM Applications and IPv6 / 6LoWPAN


Similar Part No. - ATmega64RFR2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64RFR2 ATMEL-ATMEGA64RFR2_14 Datasheet
5Mb / 611P
Microcontroller with Low Power
More results

Similar Description - ATmega64RFR2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
List of Unclassifed Man...
PT506-24DT ETC2-PT506-24DT Datasheet
130Kb / 2P
PAN/TILT AND ZOOM LENS FUNCTIONS, MULTIPLE LOCATIONS
logo
AVX Corporation
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
EMI Filtering, Broadband Filtering, LCD Filtering
logo
ATMEL Corporation
ATMEGA2564RFR2 ATMEL-ATMEGA2564RFR2_14 Datasheet
204Kb / 13P
Network support by hardware assisted Multiple PAN Address Filtering
logo
Axiomtek Co., Ltd.
IFW320 AXIOMTEK-IFW320 Datasheet
221Kb / 2P
Easy network setup with Network Address Translation (NAT)
logo
List of Unclassifed Man...
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
1U Rackmount Network Appliance With Support For Multiple Processors
logo
SMSC Corporation
EMC1073 SMSC-EMC1073 Datasheet
742Kb / 45P
Multiple Channel 1째C Temperature Sensors with Selectable Address
logo
NXP Semiconductors
JN517X NXP-JN517X Datasheet
3Mb / 100P
Supports multiple network stacks
Rev. 2.0-8 November 2016
logo
ATMEL Corporation
ATMEGA2564RFR2 ATMEL-ATMEGA2564RFR2 Datasheet
204Kb / 13P
Network support by hardware assisted Multiple PAN Address Filtering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com