Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1702 Datasheet(PDF) 22 Page - Microchip Technology

Part # CEC1702
Description  CEC1702 EFUSE GENERATOR TOOL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1702 Datasheet(HTML) 22 Page - Microchip Technology

Back Button CEC1702 Datasheet HTML 18Page - Microchip Technology CEC1702 Datasheet HTML 19Page - Microchip Technology CEC1702 Datasheet HTML 20Page - Microchip Technology CEC1702 Datasheet HTML 21Page - Microchip Technology CEC1702 Datasheet HTML 22Page - Microchip Technology CEC1702 Datasheet HTML 23Page - Microchip Technology CEC1702 Datasheet HTML 24Page - Microchip Technology CEC1702 Datasheet HTML 25Page - Microchip Technology CEC1702 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
CEC1702 Efuse Generator Tool User’s Guide
DS50002598A-page 22
 2017 Microchip Technology Inc.
FIGURE A-1:
SCHEMATIC DIAGRAM OF CEC1702 CLICKER BOARD
VCC-3.3V
VCC-5V
1
T2
T1
VCC-USB
VCC-3.3V VCC-3.3V
JTAG_TCK
VCC_RST
VCC-3.3V
VCC-3.3V
USB-D_P
USB-D_N
GPIO125
VCC-3.3V
GPIO031
D_N
D_P
JTAG_RST
JTAG_TDI
JTAG_TDO
JTAG_TMS
VCC-3.3V
VCC-3.3V
JTAG_TMS
JTAG_TDI
JTAG_TDO
JTAG_TCK
VCC_RST
SHD_CS0
C12
0.1µF
C13
1µF
R8
100k
R6
10k
C3
0.1µF
C4
0.1µF
C5
0.1µF
R29
10k
C22
0.1µF
R26
1M
R24
27
R23
27
1
2
3
4
5
ID
D+
D-
VBUS
GND
CN1
10104110-0001LF
VCCIO
RXD
GND
CTS
RST
VCC
CB1
CB0
GND PAD
U4
FT230x
FP2
C16
10000pF
SPI0_CS0
RST
I2C0_SCL
I2C0_SDA
INT
PWM4
SPI0_SCK
SPI0_MISO
SPI0_MOSI
R21
10k
R20
10k
C14
10pF
C15
10pF
T3
Y1
32.768kHz
AN
RST
CS
SCK
MISO
MOSI
3.3V
GND
PWM
INT
RX
TX
SCL
SDA
5V
GND
MIKROBUS 1
MIKROBUS HOST CONN
ADC0
VCC-3.3V
R19
1k
R18
1k
VCC-3.3V
VCC-3.3V
C1
0.1µF
C7
1µF
R11
1k
R5
100
VTR_PLL
R22 8.2k
R25
4.7k
VCC-3.3V
VCC-3.3V
VCC-3.3V
VCC-3.3V
SHD_SIO1
SHD_SCK
SHD_CS0
SHD_SIO0
VCC-3.3V
SPI0_CS0
SPI0_SCK
SPI0_MISO
SPI0_MOSI
I2C0_SCL
I2C0_SDA
UART0_RX
UART1_TX
UART1_RX
UART0_TX
ADC0
UART1_RTS
UART1_CTS
GPIO157
GPIO156
GPIO051
GPIO031
ADC1
ADC2
ADC3
ADC4
ADC1
ADC2
ADC3
ADC4
PWM0
PWM1
PWM0
PWM1
GPIO050
GPIO125
RST
SHD_SIO2
SHD_SIO3
FP5
C29
1µF
GND
C28
0.1µF
GND
VCC-USB
VCC-5V
1
2
3
4
5
6
7
8
9
10
J1
4
5
6
1
2
3
7
8
9
10
HD1
LD2
LD1
VCC-3.3V
R34
470
PWR1
LED GR
USB_RX
USB_TX
R27
750
R28
1k
FM1
FIDUCIAL MARK
FM2
FIDUCIAL MARK
FM3
FIDUCIAL MARK
FM4
FIDUCIAL MARK
FM5
FIDUCIAL MARK
FM6
FIDUCIAL MARK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1OE
1A
1Y
2OE
2A
2Y
GND
3A
3Y
VCC
4OE
4A
4Y
3OE
U7
SN74LVC125A
VCC_RST
JTAG_TMS
VCC_RST
JTAG_TCK
SHD_SCK
VCC-3.3V
VCC_RST
VCC_RST
JTAG_TDO
VCC-3.3V
VCC-3.3V
I2C3_SCL
I2C3_SDA
I2C3_SCL
I2C3_SDA
1
2
3
JP2
SHD_SCK
SHD_SIO1
SHD_SIO0
SHD_CS0
SHD_SIO2
SHD_SIO3
R12
10k
VCC-3.3V
VCC-3.3V
CE#
1
SO/SIO1
2
WP#/SIO2
3
VSS
4
SI/SIO0
5
SCK
6
HOLD#/SIO3
7
VDD
8
U3
SST26VF016B
SHD_SIO1
SHD_SIO0
R15
10k
R14
10k
UART0_RX
UART0_TX
UART1_RX
UART1_TX
UART1_CTS
UART1_RTS
INT
PWM4
C11
22µF
R7
0
C31
0.1µF
C32
0.1µF
1
2
3
IN
GND
OUT
5
4
EN ADJ
U2
SPX3819M5
R30
47k
R31
27k
R3
1k
C18
10μF
C19
0.1μF
R2
10k
R1
10k
C20
10μF
C21
0.1μF
VCC-3.3V
VCC-USB
VCC-USB
GPIO051
PWM0
GPIO051
GPIO050
BGPO0
B1
GPIO001/PWM4
J6
GPIO002/PWM5
J5
GPIO003/I2C0_SDA/SPIO0_CS#
A3
GPIO004/I2C0_SCL/SPIO0_MOSI
B2
GPIO007/I2C3_SDA
B5
GPIO010/I2C3_SCL
A8
GPIO012/I2C7_SDA/TOUT3
K1
GPIO013/I2C7_SCL/TOUT2
J2
GPIO016/GPTP-IN7/QSPI0_IO3/IC3
K2
GPIO017/GPTP-IN5/KSI0
J7
GPIO020/KSI1
J3
GPIO021/KSI2
J4
GPIO026/TIN1/KSI3
K9
GPIO027/TIN2/KSI4
J10
GPIO030/TIN3/KSI5
G7
GPIO031/KSI6
J8
GPIO032/KSI7
H5
GPIO034/RC-ID1/SPI0_CLK
G4
GPIO036/RC-ID2/SPI0_MISO
F10
GPIO040/KSO0
K8
GPIO045/KSO1
C5
GPIO046/KSO2
C9
GPIO047/KSO3
B8
GPIO050/FAN_TACH0/GTACH0
F3
GPIO051/FAN_TACH1/GTACH1
E2
GPIO053/PWM0/GPWM0
K10
GPIO054/PWM1/GPWM1
J9
GPIO055/PWM2/QSPI0_CS#
K7
GPIO056/PWM3/QSPI0_CLK
K6
GPIO104/UART0_TX
D9
GPIO105/UART0_RX
E9
GPIO107/KSO04
H9
GPIO112/KSO05
G9
GPIO113/KSO06
G10
GPIO120/KSO07
H10
GPIO121/QSPI1_IO0/KSO08
D10
GPIO122/QSPI1_IO1/KSO09
B10
GPIO124/QSPI1_CS#/KSO11
C10
GPIO125/GTP-OUT5/QSPI1_CLK/KSO12
A10
GPIO127/UART0_CTS#
C6
GPIO134/PWM10/UART1_RTS#
E10
GPIO135/UART1_CTS#
E7
GPIO140/ICT5
H6
GPIO145/I2C09_SDA/JTAG_TDI
C2
GPIO146/I2C09_SCL/JTAG_TDO
B6
GPIO147/I2C08_SDA/JTAG_CLK
A7
GPIO150/I2C08_SCL/JTAG_TMS
B3
GPIO154/I2C02_SDA
A9
GPIO155/I2C02_SCL
B7
GPIO156/LED0
D7
GPIO157/LED1
B9
GPIO162/VCI_IN1#
A5
GPIO163/VCI_IN0#
B4
GPIO165/32KHZ_IN/CTOUT0
A6
GPIO170/TFCLK/UART1_TX
F9
GPIO171/TFDATA/UART1_RX(JTAG_STRAP)
F8
GPIO200/ADC00
F2
GPIO201/ADC01
G2
GPIO202/ADC02
H2
GPIO203/ADC03
G1
GPIO204/ADC04
H1
GPIO223/QSPI0_IO0
K5
GPIO224/QSPI0_IO1
K3
GPIO225/UART0_RTS#
D6
GPIO227/QSPI0_IO2
K4
JTAG_RST#
E8
VCI_OUT
A1
VREF_ADC
E3
VSS_ADC
J1
VSS_ANALOG
D4
VTR_ANALOG
F4
XTAL1
A4
XTAL2
A2
PS2 Interface
JTAG
FAN PWM & TACH
BC-LINK
VCI
GPIO
XTAL
ANALOG
I2C
SPI
UART
GPIO
U1
CEC1702-84
GPIO113
GPIO032
VCC
VREF_ADC
C30
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com