Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1702 Datasheet(PDF) 17 Page - Microchip Technology

Part # CEC1702
Description  CEC1702 EFUSE GENERATOR TOOL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1702 Datasheet(HTML) 17 Page - Microchip Technology

Back Button CEC1702 Datasheet HTML 13Page - Microchip Technology CEC1702 Datasheet HTML 14Page - Microchip Technology CEC1702 Datasheet HTML 15Page - Microchip Technology CEC1702 Datasheet HTML 16Page - Microchip Technology CEC1702 Datasheet HTML 17Page - Microchip Technology CEC1702 Datasheet HTML 18Page - Microchip Technology CEC1702 Datasheet HTML 19Page - Microchip Technology CEC1702 Datasheet HTML 20Page - Microchip Technology CEC1702 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
CEC1702 Efuse Generator Tool Procedure
 2017 Microchip Technology Inc.
DS50002598A-page 17
21. If “Use Custom space” field is enabled, the Custom Efuse data space from
192-479 can be used for storing user data. Please refer to Chapter 37 “eFUSE
Block” of CEC1702 Data Sheet for more details.
22. The “Custom input” will be active if 'Use Custom Space' is selected. “IDX” refers
to the custom space offset from 192-479 (decimal value, the equivalent hexadec-
imal value is 0xC0 to 0x1DF). “Data” refers to the data value to be written to the
offset address. This tool allows the IDX and Data values to be entered in Hexa-
decimal (Hex) or Decimal (Dec) format with the radio button selection option. The
default mode is hexadecimal. The user will need to add one data at a given
address at a time and will need to use the “Enter” button on the form to enter each
data value in the location. IDX will be checked against valid entry for the custom
space and return an error message, if the address offset value is outside of the
range. Figure 2-7: “Index Out Of Range Indication” shows the error message
window that would be displayed, if the wrong entry is entered. If the entry is cor-
rect the window shown in Figure 2-5: “Custom Data View Window” will pop up.
23. Clicking on the “Auto Refresh” button of Figure 2-5: “Custom Data View Win-
dow” refreshes the custom data and address as it is entered. This is shown in
Figure 2-6: “Example Of Custom input Data display”. Clicking the “OK” but-
ton will close the window and no further information on “Custom input” data will
be displayed.
FIGURE 2-4:
SAMPLE CEC1702 EFUSE GENERATOR TOOL ENTRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com