Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1702 Datasheet(PDF) 16 Page - Microchip Technology

Part # CEC1702
Description  CEC1702 EFUSE GENERATOR TOOL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1702 Datasheet(HTML) 16 Page - Microchip Technology

Back Button CEC1702 Datasheet HTML 12Page - Microchip Technology CEC1702 Datasheet HTML 13Page - Microchip Technology CEC1702 Datasheet HTML 14Page - Microchip Technology CEC1702 Datasheet HTML 15Page - Microchip Technology CEC1702 Datasheet HTML 16Page - Microchip Technology CEC1702 Datasheet HTML 17Page - Microchip Technology CEC1702 Datasheet HTML 18Page - Microchip Technology CEC1702 Datasheet HTML 19Page - Microchip Technology CEC1702 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
CEC1702 Efuse Generator Tool User’s Guide
DS50002598A-page 16
 2017 Microchip Technology Inc.
4. The CEC1702 Efuse Generator Tool generates a warning message shown in
Figure 2-8: “Warning Message Before Generating The Keys” and described
in step 26. This message could be disabled using the “Disable Warning mes-
sage” select option provided in settings window in Figure 2-2: “Openssl Tool
Path Setting”.
5. Set the output directory path as described in section 2.1.2 “Output Files”.
6. Select Disable ATE radio button to bring the chip out of the ATE mode after Efuse
/ OTP programming. See Figure 2-4: “Sample CEC1702 Efuse Generator
Tool Entry” for reference.
7. If there are more programming steps, you may choose to leave ATE Mode
enabled.
8. Select JTAG Disable radio button to disable the JTAG interface after Efuse pro-
gramming. See Figure 2-4: “Sample CEC1702 Efuse Generator Tool Entry”
for reference.
9. Our recommendation is to disable JTAG mode after all the programming is com-
pleted in production.
10. JTAG mode allows you to choose between SWD (2-Wire) or JTAG(4-wire) mode.
This option is only available when JTAG is Enabled. One may use this on engi-
neering parts for run time debug.
11. In case you would like to have authentication enabled, select the “Authentication”
Enable radio button. This will in turn enable the firmware Header and Image sign-
ing.
12. Only when authentication is enabled, one can generate the ECDSA Key. See
Figure 2-4: “Sample CEC1702 Efuse Generator Tool Entry” for reference.
13. If authentication of the firmware binary is enabled, in the field marked “ECDSA
Key filename”, enter the file name for the ECDSA Key. One just needs to enter
the key file name without an extension. For example: myECDSAkey. See Figure
2-4: “Sample CEC1702 Efuse Generator Tool Entry” for reference.
14. The “ECDSA Password” field will be used to protect the ECDSA Key using
AES-256-CBC encryption. The generated Keys and Signatures will be encrypted
using AES-256-CBC encryption mode and stored in the output directory. See
Figure 2-4: “Sample CEC1702 Efuse Generator Tool Entry” for reference.
15. If ECC encryption Keys are required, select the “Use ECC Encryption Keys”
select button. This will enable entry into the “ECDH Key filename” field. See Fig-
ure 2-4: “Sample CEC1702 Efuse Generator Tool Entry” for reference.
16. If “Use ECC Encryption Keys” is selected, enter the file name for the ECDH Key.
One just needs to enter the key file name without an extension. For example:
myECDHkey. See Figure 2-4: “Sample CEC1702 Efuse Generator Tool
Entry” for reference.
17. The “ECDH Password” field will be used to protect the ECDH Key using
AES-256-CBC encryption. The generated Keys and Signatures will be encrypted
using AES-256-CBC encryption mode and stored in the output directory.
18. If the user wishes to use alternate Tag0, select “Alternate Tag0”.
19. If “Alternate Tag0” is enabled, alternate TAG fields will be added to the Efuse
data. The user needs to provide bits [23:8] for the Alternate TAG address. The
field must be written with hexadecimal values. For example: If the address in SPI
Flash is 0xAABBCC00, the user needs to write alternate tag field with 0xBBCC
value. See Figure 2-4: “Sample CEC1702 Efuse Generator Tool Entry” for
reference.
20. If the user wishes to program the custom space in Efuse / OTP, one must select
the “Use Custom space” field. See Figure 2-4: “Sample CEC1702 Efuse Gen-
erator Tool Entry” for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com