Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC1702 Datasheet(PDF) 23 Page - Microchip Technology

Part # CEC1702
Description  CEC1702 EFUSE GENERATOR TOOL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1702 Datasheet(HTML) 23 Page - Microchip Technology

Back Button CEC1702 Datasheet HTML 19Page - Microchip Technology CEC1702 Datasheet HTML 20Page - Microchip Technology CEC1702 Datasheet HTML 21Page - Microchip Technology CEC1702 Datasheet HTML 22Page - Microchip Technology CEC1702 Datasheet HTML 23Page - Microchip Technology CEC1702 Datasheet HTML 24Page - Microchip Technology CEC1702 Datasheet HTML 25Page - Microchip Technology CEC1702 Datasheet HTML 26Page - Microchip Technology CEC1702 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
CEC1702 Clicker Board Schematic
 2017 Microchip Technology Inc.
DS50002598A-page 23
FIGURE A-1:
SCHEMATIC DIAGRAM OF CEC1702 CLICKER BOARD (CONTINUED)
C9
0.1µF
NO0
1
NO1
2
NO2
3
GND
4
IN2
5
IN1
6
COM
7
VDD
8
U8
TS5A3357
VCC-3.3V
VREF_ADC
VCC-3.3V VCC-1.59V
R33
10k
R32
10k
VCC-3.3V
GPIO050
GPIO051
IN1
IN2
efuse
efuse
IN1
IN2
C10
0.1µF
VIN
1
GND
2
SHDN
3
ADJ
4
VOUT
5
U9
MCP1824
VCC-3.3V
R37
10k
R35
28.7K
VCC-1.59V
C33
4.7µF
R36
0.0
1
2
JP3
1
2
JP4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com