Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU2 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF2113EU2
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU2 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF2113EU2 Datasheet HTML 55Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 56Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 57Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 58Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 59Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 60Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 61Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 62Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 18 Initialization by instruction, 4-bit interface; not applicable for I2C-bus operation
STEP
DESCRIPTION
power-on or unknown state
|
Wait 2 ms after internal reset has been applied
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction
000011
function set (interface is 8 bits long)
|
Wait 2 ms
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction
000011
function set (interface is 8 bits long)
|
Wait 40
µs
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction
000011
function set (interface is 8 bits long)
|
BF can be checked after the following instructions; when BF is not checked, the waiting time
between instructions is the specified instruction time (see Table 3)
RS
R/W
DB7
DB6
DB5
DB4
function set (set interface to 4 bits long)
000010
interface is 8 bits long
000010
function set (interface is 4 bits long)
0
0
0
M
0
H
specify number of display lines
000000
001000
display off
000000
clear display
000001
000000
entry mode set
0
0
0
1
I/D
S
|
Initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com