Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2113EU2
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2113EU2 Datasheet HTML 2Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 3Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 4Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 5Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 6Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 7Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 8Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 9Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
2001 Dec 19
6
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
6
PINNING
SYMBOL
PIN
PCF2113DH
PAD(1)
PCF2113XU
TYPE
DESCRIPTION
VDD1
1
1
P
supply voltage 1 for all except VLCD generator
OSC
2
2
I
oscillator/external clock input; note 2
PD
3
3
I
power-down select input; for normal operation PD is LOW
T3
−
4
I
test pad; open circuit and not user accessible
T1
4
5
I
test pin; must be connected to VSS1
T2
−
6
I
test pad; must be connected to VSS1
VSS1
5
7
P
ground 1 for all except VLCD generator
VSS2
6
8
P
ground 2 for VLCD generator
VLCD2
79
O
VLCD output if VLCD is generated internally; note 7
VLCDSENSE
−
10
I
input (VLCD) for voltage multiplier regulation; notes 3 and 7
VLCD1
8
11
I
input for generation of LCD bias levels; note 7
R9 to R16
9 to 16
12 to 19
O
LCD row driver outputs 9 to 16
R18
17
20
O
LCD row driver output 18
C60 to C53
18 to 25
21 to 28
O
LCD column driver outputs 60 to 53
dummy pad
−
29
−
dummy pad
−
30
−
C52 to C28
26 to 50
31 to 55
O
LCD column driver outputs 52 to 28
dummy pad
−
56
−
dummy pad
−
57
−
C27 to C3
51 to 75
58 to 82
O
LCD column driver outputs 27 to 3
dummy pad
−
83
−
dummy pad
−
84
−
C2
76
85
O
LCD column driver output 2
C1
77
86
O
LCD column driver output 1
R8 to R1
78 to 85
87 to 94
O
LCD row driver outputs 8 to 1
R17
86
95
O
LCD row driver output 17
SCL
87
96
I
I2C-bus serial clock input; note 4
SDA
88
97
I/O
I2C-bus serial data input/output; note 4
E
89
98
I
data bus clock input; note 4
RS
90
99
I
register select input
R/W
91
100
I
read/write input
DB7
92
101
I/O
8-bit bidirectional data bus bit 7; note 5
DB6
93
102
I/O
8-bit bidirectional data bus bit 6
DB5
94
103
I/O
8-bit bidirectional data bus bit 5
DB4
95
104
I/O
8-bit bidirectional data bus bit 4
DB3/SA0
96
105
I/O
8-bit bidirectional data bus bit 3 or I2C-bus address pin;
notes 4 and 5
DB2
97
106
I/O
8-bit bidirectional data bus bit 2
DB1
98
107
I/O
8-bit bidirectional data bus bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com