Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF2113EU2
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF2113EU2 Datasheet HTML 22Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 23Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 24Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 25Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 26Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 27Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 28Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 29Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
2001 Dec 19
26
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
Table 6
Explanations of symbols used in Tables 4 and 5.
BIT
LOGIC STATE 0
LOGIC STATE 1
Co
last control byte; see Table 4
another control byte follows after data/command
DL
4 bits
8 bits
M (no impact,
if SL = 1)
1-line by 24 display
2-line by 12 display
SL
MUX 1 : 18 (1
× 24 or 2 × 12 character display)
MUX1:9 (1
× 12 character display)
H
use basic instruction set
use extended instruction set
I/D
decrement
increment
S
display freeze
display shift
D
display off
display on
C
cursor off
cursor on
B
cursor character blink off; character at cursor
position does not blink
cursor character blink on; character at cursor
position blinks
S/C
cursor move
display shift
R/L
left shift
right shift
L (no impact,
if M = 1 or
SL = 1)
left/right screen: standard connection
left/right screen; mirrored connection
1st 12 characters of 24; columns are from 1 to 60
1st 12 characters of 24; columns are from 1 to 60
2nd 12 characters of 24; columns are from 1 to 60 2nd 12 characters of 24; columns are from 60 to 1
P
column data: left to right; column data is displayed
from 1 to 60
column data; right to left; column data is displayed
from 60 to 1
Q
row data; top to bottom; row data is displayed from
1 to 16 and icon row data is in 17 and 18
row data; bottom to top; row data is displayed
from 16 to 1 and icon row data is in 18 and 17
IM
character mode; full display
icon mode; only icons displayed
IB
icon blink disabled
icon blink enabled
DM
direct mode disabled
direct mode enabled
V
set VA
set VB
8.1
Clear display
‘Clear display’ writes character code 20H into all DDRAM
addresses (the character pattern for character code 20H
must be a blank pattern), sets the DDRAM address
counter to logic 0 and returns the display to its original
position, if it was shifted. Thus, the display disappears and
the cursor or blink position goes to the left edge of the
display. Sets entry mode I/D = 1 (increment mode). S of
entry mode does not change.
The instruction ‘clear display’ requires extra execution
time. This may be allowed by checking the Busy Flag (BF)
or by waiting until the 165 clock cycles have elapsed.
The latter must be applied where no read-back options are
foreseen, as in some Chip-On-Glass (COG) applications.
8.2
Return home
‘Return home’ sets the DDRAM address counter to logic 0
and returns the display to its original position if it was
shifted. DDRAM contents do not change. The cursor or
blink position goes to the left of the first display line.
I/D and S of entry mode do not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com