Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EU2 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2113EU2
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EU2 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2113EU2 Datasheet HTML 20Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 21Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 22Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 23Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 24Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 25Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 26Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 27Page - NXP Semiconductors PCF2113EU2 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 5
Instruction set with parallel bus commands
INSTRUCTION
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
DESCRIPTION
REQUIRE
CLOCK
CYCLES
H=0or1
NOP
0000000000
no operation
3
Function set
00001
DL
0
M
SL
H
sets interface Data Length (DL), number of display
lines (M), single line/MUX 1 : 9 (SL) and extended
instruction set control (H)
3
Read busy flag
and address
counter
0
1
BF
AC
reads the Busy Flag (BF) indicating internal
operating is being performed and reads Address
counter (AC) contents
0
Read data
1
1
read data
reads data from CGRAM or DDRAM
3
Write data
1
0
write data
writes data from CGRAM or DDRAM
3
H=0
Clear display
0000000001
clears entire display and sets DDRAM address 0 in
address counter
165
Return home
0000000010
sets DDRAM address 0 in address counter; also
returns shifted display to original position; DDRAM
contents remain unchanged
3
Entry mode set
00000001
I/D
S
sets cursor move direction (I/D) and specifies shift
of display (S); these operations are performed
during data write and read
3
Display control
0000001
D
C
B
sets entire display on/off (D), cursor on/off (C) and
blink of cursor position character (B); D = 0 (display
off) puts chip into the Power-down mode
3
Cursor/display
shift
000001
S/C
R/L
00
moves cursor or shifts display (S/C) to right or left
(R/L) without changing DDRAM contents
3
Set CGRAM
address
0001
ACG
sets CGRAM address; bit DB6 is to be set by the
command ‘set DDRAM address’; look at the
description of the commands
3
Set DDRAM
address
001
ADD
sets DDRAM address
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com