Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CS Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS6422-CS
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CS Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS6422-CS Datasheet HTML 13Page - Cirrus Logic CS6422-CS Datasheet HTML 14Page - Cirrus Logic CS6422-CS Datasheet HTML 15Page - Cirrus Logic CS6422-CS Datasheet HTML 16Page - Cirrus Logic CS6422-CS Datasheet HTML 17Page - Cirrus Logic CS6422-CS Datasheet HTML 18Page - Cirrus Logic CS6422-CS Datasheet HTML 19Page - Cirrus Logic CS6422-CS Datasheet HTML 20Page - Cirrus Logic CS6422-CS Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
CS6422
17
3.4
Register 1
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
THDet
Taps
TVol
RSD
NCC
AuNECD
0
0
1
0
00
10
1010
0
00
0
2A
0
2
Bits
Name
Function
Word
Operation
15-14
THDet
Tx Half-duplex Detection
threshold
00*
01
10
11
6 dB
9 dB
12 dB
reserved
13-12
Taps
AEC/NEC Tap allocation
00
01
10*
11
444/64 (55.5 ms/8 ms)
380/128 (47.5 ms/16 ms)
316/192 (39.5 ms/24 ms)
252/256 (31.5 ms/32 ms)
11-8
TVol
Tx Volume control
0000
0001
---
0100
---
1010*
1011
---
1101
1110
1111
+30 dB
+27 dB
---
+18 dB
---
+0 dB
-3 dB
---
-9 dB
-12 dB
mute
7
RSD
Rx Suppression Disable
0*
1
enable Rx suppression
disable Rx suppression
6-5
NCC
NEC Coefficient Control
00*
01
10
11
Normal
Clear
Freeze
reserved
4
AuNECD
Auto re-engage NEC Disable
0*
1
enable Auto NEC
disable Auto NEC
* Denotes reset value
Table 4. Register 1 Bit Definitions
CS6422
DS295F1
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com