Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CS Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS6422-CS
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CS Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS6422-CS Datasheet HTML 31Page - Cirrus Logic CS6422-CS Datasheet HTML 32Page - Cirrus Logic CS6422-CS Datasheet HTML 33Page - Cirrus Logic CS6422-CS Datasheet HTML 34Page - Cirrus Logic CS6422-CS Datasheet HTML 35Page - Cirrus Logic CS6422-CS Datasheet HTML 36Page - Cirrus Logic CS6422-CS Datasheet HTML 37Page - Cirrus Logic CS6422-CS Datasheet HTML 38Page - Cirrus Logic CS6422-CS Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
CS6422
35
14), and the receive suppression speech detector
threshold is set by RSThd (Register 2, bits 13 and
12). The transmit speech detectors for both half-du-
plex and suppression default to 6 dB.
Note that constant power signals which persist for
long durations, such as tones or white noise from a
signal generator, will be detected as speech only as
long as the background noise level has not risen to
within the speech detection threshold of the signal
power. When a tone has persisted for long enough,
the background noise level will be equal to the
power estimator level, and so the tone will no long-
er be considered speech. This duration is dependent
upon the power difference between the signal and
the ambient noise power, as well as NseRmp. It
should be noted that the CS6422 has a tone detector
to prevent updates when tones are present and allow
tones to persist regardless of the speech detectors.
4.1.2
Half-Duplex Mode
In cases where the system relies on the echo cancel-
ler for stability, a fail-safe mechanism must be in
place for instances when the echo canceller is not
performing adequately. The CS6422 implements a
half-duplex mode to guarantee communication
even when the echo canceller is disabled.
When the CS6422 is first powered on, or emerges
from a reset, the echo canceller coefficients are
cleared, and the echo cancellers provide no benefit
at this point. The half-duplex mode is on to prevent
howling and echo from interfering with communi-
cation. Once the CS6422’s adaptive filters have
adapted sufficiently, the half-duplex mode is auto-
matically disabled, and full-duplex communication
can occur.
The half-duplex mode allows three states: <Trans-
mit>, <Receive>, and <Idle>. In the <Transmit>
state, the transmit channel is open and the receive
channel is muted. The <Receive> state mutes the
transmit channel. The <Idle> state is an internal
state which is used to enhance switching decision
making. The CS6422 must be <Idle> before it will
allow a state change between <Transmit> and <Re-
ceive>.
The half-duplex controller can be susceptible to
echo, so a holdover timer is provided to help pre-
vent false switching. Holdover will force the chan-
nel to remain in its current state for a fixed duration
after speech has stopped. HDly (Register 2, bits 9
and 8) sets the duration of the holdover. Longer
holdover will tend to make interrupting more diffi-
cult, but will be more robust to spurious switching
caused by echo.
4.1.2.1
Idle Return to Transmit
When enabled, this feature causes the CS6422 to
return to <Transmit> mode from an <Idle> state
when operating in half-duplex.
This simulates
full-duplex-like behavior during the periods of
half-duplex operation at the beginning of a call.
4.1.3
AGC
The CS6422 implements a peak-limiting AGC in
both the transmit and receive directions in order to
boost low-level signals without compromising per-
formance when high amplitude signals are present.
The technique effectively results in dynamic range
compression.
The AGC works by setting a reference level based
on the value represented by TVol (Register 1, bits
11-8) for the transmit direction and RVol (Register
0, bits 11-8) for the receive direction. If the signal
from the input is above this reference, it is attenu-
ated to the reference level with an attack time of
125
µs. This attenuation level decays with a time
constant of 30 ms unless another signal greater than
the reference level is detected. After the attenua-
tion, a post-scaler scales the reference level to full-
scale (the maximum digital code), which amplifies
all signals by the difference between the reference
level and full-scale.
For example, Figure 11 shows how the AGC works
with a reference level of +30 dB (Word = 0000).
CS6422
DS295F1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com