Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CS Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS6422-CS
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CS Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS6422-CS Datasheet HTML 18Page - Cirrus Logic CS6422-CS Datasheet HTML 19Page - Cirrus Logic CS6422-CS Datasheet HTML 20Page - Cirrus Logic CS6422-CS Datasheet HTML 21Page - Cirrus Logic CS6422-CS Datasheet HTML 22Page - Cirrus Logic CS6422-CS Datasheet HTML 23Page - Cirrus Logic CS6422-CS Datasheet HTML 24Page - Cirrus Logic CS6422-CS Datasheet HTML 25Page - Cirrus Logic CS6422-CS Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
CS6422
22
3.6
Register 3
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TSAtt
PCSen
TDbtS
RDbtS
TSThd
TSBias
0
1
1
0
00
0
000
00
00
00
00
0
6
Bits
Name
Function
Word
Operation
15-14
TSAtt
Tx Suppression Attenuation
00*
01
10
11
18 dB
12 dB
24 dB
reserved
13
PCSen
Path Change Sensitivity
0*
1
high sensitivity
low sensitivity
12-10
TDbtS
Tx Double-talk Suppression
attenuation
000*
001
010
...
110
111
0 dB
3 dB
6 dB
...
18 dB
21 dB
9-8
RDbtS
Rx Double-talk Suppression
attenuation
00*
01
10
11
0 dB
3 dB
6 dB
9 dB
7-6
TSThd
Tx Suppression Threshold
00*
01
10
11
15 dB
12 dB
9 dB
18 dB
5-4
TSBias
Tx Suppression Bias
00*
01
10
11
18 dB
15 dB
21 dB
reserved
* Denotes reset value
Table 6. Register 3 Bit Definitions
CS6422
22
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com