Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CS Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS6422-CS
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CS Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS6422-CS Datasheet HTML 32Page - Cirrus Logic CS6422-CS Datasheet HTML 33Page - Cirrus Logic CS6422-CS Datasheet HTML 34Page - Cirrus Logic CS6422-CS Datasheet HTML 35Page - Cirrus Logic CS6422-CS Datasheet HTML 36Page - Cirrus Logic CS6422-CS Datasheet HTML 37Page - Cirrus Logic CS6422-CS Datasheet HTML 38Page - Cirrus Logic CS6422-CS Datasheet HTML 39Page - Cirrus Logic CS6422-CS Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
CS6422
36
Any signal greater than 30 dB below full-scale (a),
is scaled down to 30 dB (b). This signal is then
scaled up +30 dB (the reference level) to provide
the final output (c). Note that the combination of at-
tenuation and gain results in less than +30 dB total
gain being applied. If the input signal is below
30 dB below full-scale (d), no attenuation is added
and the full +30 dB of gain is applied to the signal
(e).
When the reference level is set to +0 dB, the AGC
is effectively disabled. Volume control is imple-
mented by digital attenuation in 3 dB steps from
this point on down. The maximum gain is +30 dB,
and the minimum is -12 dB in 3 dB steps. The low-
est gain setting (1111) mutes the signal path. The
signal scaling takes place in between the two can-
cellers, and so does not disturb the echo canceller
as changing gain in the echo path, for example at
the speaker driver, would (see Section 4.1.1.2,
“Adaptive Filter” for more details).
4.1.4
Suppression
Echo cancellation is somewhat of a misnomer in
that echo is merely attenuated, not entirely can-
celled. Some residual echo still exists after the
summing node. This residual echo, though low in
amplitude, may be audible when the near-end talk-
er is not speaking. Suppression further attenuates
the echoed signal, preventing the far-end listener
from hearing echo.
The CS6422 employs supplementary echo suppres-
sion which adds attenuation on top of the cancella-
tion to remove the residual echo. For example, the
CS6422 will engage extra attenuation in the trans-
mit path whenever only the far-end talker is speak-
ing. However, if the near-end talker starts speaking,
this attenuation is removed and the system relies on
the near-end talker’s speech to mask the residual
echo.
-30dB
Fs
(a) Input Signal
t
-30dB
Fs
(c) AGC Gain
t
-30dB
Fs
(b) AGC Attenuation
t
-30dB
Fs
(d) Input Signal
t
-30dB
Fs
(e) AGC Gain
t
0dB
0dB
0dB
0dB
0dB
Figure 11. How the AGC works (TVol = +30 dB)
CS6422
36
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com